Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF7N95K3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF7N95K3
Description  N-channel 950 V, 1.1 Ohm, 7.2 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH3 Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7N95K3 Datasheet(HTML) 3 Page - STMicroelectronics

  STF7N95K3 Datasheet HTML 1Page - STMicroelectronics STF7N95K3 Datasheet HTML 2Page - STMicroelectronics STF7N95K3 Datasheet HTML 3Page - STMicroelectronics STF7N95K3 Datasheet HTML 4Page - STMicroelectronics STF7N95K3 Datasheet HTML 5Page - STMicroelectronics STF7N95K3 Datasheet HTML 6Page - STMicroelectronics STF7N95K3 Datasheet HTML 7Page - STMicroelectronics STF7N95K3 Datasheet HTML 8Page - STMicroelectronics STF7N95K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STF7N95K3, STP7N95K3, STW7N95K3
Electrical ratings
3/15
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220, TO-247 TO-220FP
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
7.2
7.2 (1)
1.
Limited by package
A
ID
Drain current (continuous) at TC = 100 °C
4.5
4.5 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
28.8
28.8 (1)
A
PTOT
Total dissipation at TC = 25 °C
150
35
W
IAR
Max current during repetitive or single pulse
avalanche (pulse width limited by TJMAX)
9A
EAS
Single pulse avalanche energy (3)
3.
Starting Tj = 25 °C, ID = IAR, VDD = 50 V
220
mJ
Derating factor
1.12
0.24
W/°C
dv/dt (4)
4.
ISD ≤ 7.2 A, di/dt = 100 A/µs, VPeak < V(BR)DSS
Peak diode recovery voltage slope
6
V/ns
VISO
Insulation withstand voltage (RMS) from all three
leads to external heat sink
(t=1 s;TC=25 °C)
2000
V
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
TO-220 TO-247 TO-220FP
Unit
Rthj-case Thermal resistance junction-case max
0.83
3.57
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
50
62.5
°C/W
Tl
Maximum lead temperature for soldering purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com