Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW6N120K3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW6N120K3
Description  N-channel 1200 V, 1.95 Ohm typ., 6 A SuperMESH3 Power MOSFET in TO-3PF, TO-220 and TO-247 packages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW6N120K3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW6N120K3 Datasheet HTML 3Page - STMicroelectronics STW6N120K3 Datasheet HTML 4Page - STMicroelectronics STW6N120K3 Datasheet HTML 5Page - STMicroelectronics STW6N120K3 Datasheet HTML 6Page - STMicroelectronics STW6N120K3 Datasheet HTML 7Page - STMicroelectronics STW6N120K3 Datasheet HTML 8Page - STMicroelectronics STW6N120K3 Datasheet HTML 9Page - STMicroelectronics STW6N120K3 Datasheet HTML 10Page - STMicroelectronics STW6N120K3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STFW6N120K3, STP6N120K3, STW6N120K3
Electrical characteristics
Doc ID 15572 Rev 3
7/17
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Normalized BVDSS vs temperature
Figure 11.
Static drain-source on-resistance
Figure 12.
Output capacitance stored energy
Figure 13.
Capacitance variations
BVDSS
-50
0
TJ(°C)
(norm)
50
100
0.85
0.90
0.95
1.00
1.05
1.10
AM07911v1
RDS(on)
1.8
1.4
1
0.5
2.5
ID(A)
(
Ω)
1.5
3.5
2.2
2.6
VGS=10V
4.5
AM07909v1
C
100
10
1
0.1
10
VDS(V)
(pF)
1
1000
100
Ciss
Coss
Crss
AM07912v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com