Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP45DT02 Datasheet(PDF) 8 Page - STMicroelectronics

Part # MP45DT02
Description  MEMS audio sensor omnidirectional digital microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP45DT02 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button MP45DT02 Datasheet HTML 4Page - STMicroelectronics MP45DT02 Datasheet HTML 5Page - STMicroelectronics MP45DT02 Datasheet HTML 6Page - STMicroelectronics MP45DT02 Datasheet HTML 7Page - STMicroelectronics MP45DT02 Datasheet HTML 8Page - STMicroelectronics MP45DT02 Datasheet HTML 9Page - STMicroelectronics MP45DT02 Datasheet HTML 10Page - STMicroelectronics MP45DT02 Datasheet HTML 11Page - STMicroelectronics MP45DT02 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Acoustic and electrical specifications
MP45DT02
8/16
Doc ID 018658 Rev 5
2.3
Frequency response
Figure 3.
Typical frequency response normalized at 1 kHz
Table 6.
Frequency response mask for digital microphones
Frequency / Hz (1)
1.
At T = 20 °C and acoustic stimulus = 1 Pa (94 dB SPL)
Lower limit
Upper limit
Unit
20...100
-5
+5
dBr 1kHz
100...8000
-2
+2
dBr 1kHz
8000...10000
-5
+5
dBr 1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com