Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP45DT02TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # MP45DT02TR
Description  MEMS audio sensor omnidirectional digital microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP45DT02TR Datasheet(HTML) 5 Page - STMicroelectronics

  MP45DT02TR Datasheet HTML 1Page - STMicroelectronics MP45DT02TR Datasheet HTML 2Page - STMicroelectronics MP45DT02TR Datasheet HTML 3Page - STMicroelectronics MP45DT02TR Datasheet HTML 4Page - STMicroelectronics MP45DT02TR Datasheet HTML 5Page - STMicroelectronics MP45DT02TR Datasheet HTML 6Page - STMicroelectronics MP45DT02TR Datasheet HTML 7Page - STMicroelectronics MP45DT02TR Datasheet HTML 8Page - STMicroelectronics MP45DT02TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP45DT02
Pin description
Doc ID 018658 Rev 5
5/16
1
Pin description
Figure 1.
Pin connections
Table 2.
Pin description
Pin #
Pin name
Function
1
GND
0 V supply
2LR
Left/right channel selection;
MIC1 LR is connected to GND or Vdd and MIC2 LR is connected to
Vdd or GND (see Figure 5)
3
GND
0 V supply
4
CLK
Synchronization input clock
5
DOUT
Left/right PDM data output
6
Vdd
Power supply
)
W
E
I
V
M
O
T
T
O
B
(
)
W
E
I
V
P
O
T
(
DOUT
CLK
Vdd
LR
GND
GND
1
3
4
5
AM07926v1
6
5
4
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com