Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AS60ACFN Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MC68HC908AS60ACFN
Description  Microcontrollers
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908AS60ACFN Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MC68HC908AS60ACFN Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68HC908AS60ACFN Datasheet HTML 32Page - Freescale Semiconductor, Inc MC68HC908AS60ACFN Datasheet HTML 33Page - Freescale Semiconductor, Inc MC68HC908AS60ACFN Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68HC908AS60ACFN Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68HC908AS60ACFN Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68HC908AS60ACFN Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68HC908AS60ACFN Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68HC908AS60ACFN Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 414 page
background image
MC68HC908AZ60A • MC68HC908AS60A • MC68HC908AS60E Data Sheet, Rev. 6
Freescale Semiconductor
35
Chapter 2
Memory Map
2.1 Introduction
The CPU08 can address 64K bytes of memory space. The memory map, shown in Figure 2-1, includes:
•
60K Bytes of FLASH EEPROM
•
2048 Bytes of RAM
•
1024 Bytes of EEPROM with Protect Option
•
52 Bytes of User-Defined Vectors
•
256 Bytes of Monitor ROM
The following definitions apply to the memory map representation of reserved and unimplemented
locations.
•
Reserved — Accessing a reserved location can have unpredictable effects on MCU operation.
•
Unused — These locations are reserved in the memory map for future use, accessing an unused
location can have unpredictable effects on MCU operation.
•
Unimplemented — Accessing an unimplemented location can cause an illegal address reset
(within the constraints as outlined in the Chapter 9 System Integration Module (SIM)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com