Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68ICS08GR Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 14Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 15Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 16Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 17Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 18Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 19Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 20Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 21Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 408 page
background image
List of Tables
Technical Data
MC68HC908GR8 — Rev 4.0
18
List of Tables
MOTOROLA
18-3
Data Bit Recovery. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 244
18-4
Stop Bit Recovery . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 245
18-5
Character Format Selection . . . . . . . . . . . . . . . . . . . . . . . . . .255
18-6
SCI Baud Rate Prescaling . . . . . . . . . . . . . . . . . . . . . . . . . . . 266
18-7
SCI Baud Rate Selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . 266
18-8
SCI Baud Rate Selection Examples . . . . . . . . . . . . . . . . . . . . 268
19-1
Signal Name Conventions . . . . . . . . . . . . . . . . . . . . . . . . . . . 273
19-2
PIN Bit Set Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .277
19-3
Interrupt Sources . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 286
19-4
SIM Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 293
20-1
Pin Name Conventions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 299
20-2
SPI Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 314
20-3
SPI Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 321
20-4
SPI Master Baud Rate Selection . . . . . . . . . . . . . . . . . . . . . . 327
21-1
Timebase Rate Selection for OSC1 = 32.768 kHz . . . . . . . . . 331
22-1
Pin Name Conventions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 336
22-2
Prescaler Selection. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 351
22-3
Mode, Edge, and Level Selection . . . . . . . . . . . . . . . . . . . . . .358
23-1
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . .362
23-2
Functional Operation Range. . . . . . . . . . . . . . . . . . . . . . . . . . 363
23-3
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 363
23-4
5.0V DC Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . 364
23-5
3.0 V DC Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . 366
23-6
5.0 V Control Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 368
23-7
3.0 V Control Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 369
23-8
Timer Interface Module Characteristics . . . . . . . . . . . . . . . . . 383
23-9
CGM Component Specifications. . . . . . . . . . . . . . . . . . . . . . . 383
25-1
MC Order Numbers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 392
25-2
Development Tool Kits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 393
25-3
Development Tool Components . . . . . . . . . . . . . . . . . . . . . . . 393
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com