Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68CBL05C Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # M68CBL05C
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68CBL05C Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button M68CBL05C Datasheet HTML 92Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 93Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 94Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 95Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 96Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 97Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 98Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 99Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 408 page
background image
Break Module (BRK)
Technical Data
MC68HC908GR8 — Rev 4.0
96
Break Module (BRK)
MOTOROLA
6.6.2 Break Address Registers
The break address registers (BRKH and BRKL) contain the high and low
bytes of the desired breakpoint address. Reset clears the break address
registers.
6.6.3 Break Status Register
The break status register (SBSR) contains a flag to indicate that a break
caused an exit from wait mode. The flag is useful in applications
requiring a return to wait mode after exiting from a break interrupt.
Address:
$FE09
Bit 7
654321
Bit 0
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
00000000
Figure 6-4. Break Address Register High (BRKH)
Address:
$FE0A
Bit 7
654321
Bit 0
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
Figure 6-5. Break Address Register Low (BRKL)
Address:
$FE00
Bit 7
654321
Bit 0
Read:
000100
BW
0
Write:
RRRRRR
NOTE
R
Reset:
00010000
Note: Writing a logic 0 clears BW.
R
= Reserved
Figure 6-6. SIM Break Status Register (SBSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com