Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPX7100ASX Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPX7100ASX
Description  0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX7100ASX Datasheet(HTML) 4 Page - Motorola, Inc

  MPX7100ASX Datasheet HTML 1Page - Motorola, Inc MPX7100ASX Datasheet HTML 2Page - Motorola, Inc MPX7100ASX Datasheet HTML 3Page - Motorola, Inc MPX7100ASX Datasheet HTML 4Page - Motorola, Inc MPX7100ASX Datasheet HTML 5Page - Motorola, Inc MPX7100ASX Datasheet HTML 6Page - Motorola, Inc MPX7100ASX Datasheet HTML 7Page - Motorola, Inc MPX7100ASX Datasheet HTML 8Page - Motorola, Inc MPX7100ASX Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MPX7100 SERIES
4
Motorola Sensor Device Data
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing the silicone gel
which isolates the die from the environment. The differential
or gauge sensor is designed to operate with positive differen-
tial pressure applied, P1 > P2. The absolute sensor is de-
signed for vacuum applied to P1 side.
The Pressure (P1) side may be identified by using the
table below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPX7100A
MPX7100D
344–15C
Stainless Steel Cap
MPX7100DP
344C–01
Side with Part Marking
MPX7100AP
MPX7100GP
344B–01
Side with Port Attached
MPX7100GVP
344D–01
Stainless Steel Cap
MPX7100AS
MPX7100GS
344E–01
Side with Port Attached
MPX7100GVS
344A–01
Stainless Steel Cap
MPX7100ASX
MPX7100GSX
344F–01
Side with Port Attached
MPX7100GVSX
344G–01
Stainless Steel Cap
ORDERING INFORMATION
MPX7100 series pressure sensors are available in absolute, differential and gauge configurations. Devices are available in
the basic element package or with pressure port fittings which provide printed circuit board mounting ease and barbed hose
pressure connections.
Di
T
Oi
CT
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Absolute, Differential
Case 344–15
MPX7100A
MPX7100D
MPX7100A
MPX7100D
Ported Elements
Differential, Dual Ported
Case 344C–01
MPX7100DP
MPX7100DP
Absolute, Gauge
Case 344B–01
MPX7100AP
MPX7100GP
MPX7100AP
MPX7100GP
Gauge Vacuum
Case 344D–01
MPX7100GVP
MPX7100GVP
Absolute, Gauge Stove Pipe
Case 344E–01
MPX7100AS
MPX7100GS
MPX7100A
MPX7100D
Gauge Vacuum Stove Pipe
Case 344A–01
MPX7100GVS
MPX7100D
Absolute, Gauge Axial
Case 344F–01
MPX7100ASX
MPX7100GSX
MPX7100A
MPX7100D
Gauge Vacuum Axial
Case 344G–01
MPX7100GVSX
MPX7100D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com