Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSZ8893MQLAM Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # KSZ8893MQLAM
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8893MQLAM Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button KSZ8893MQLAM Datasheet HTML 17Page - Micrel Semiconductor KSZ8893MQLAM Datasheet HTML 18Page - Micrel Semiconductor KSZ8893MQLAM Datasheet HTML 19Page - Micrel Semiconductor KSZ8893MQLAM Datasheet HTML 20Page - Micrel Semiconductor KSZ8893MQLAM Datasheet HTML 21Page - Micrel Semiconductor KSZ8893MQLAM Datasheet HTML 22Page - Micrel Semiconductor KSZ8893MQLAM Datasheet HTML 23Page - Micrel Semiconductor KSZ8893MQLAM Datasheet HTML 24Page - Micrel Semiconductor KSZ8893MQLAM Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
Micrel, Inc.
KSZ8893MQL/MBL
February 2010
21
M9999-021110-1.6
Ball Number
Ball Name
Type
(1)
Ball Function Description
A8
P2SPD
Ipd
1 = force port 2 to 100BT if P2ANEN = 0
0 = force port 2 to 10BT if P2ANEN = 0
B7
P2DPX
Ipd
1 = port 2 default to full duplex mode if P2ANEN = 1 and
auto-negotiation fails. Force port 2 in full duplex mode if
P2ANEN = 0.
0 = port 2 default to half duplex mode if P2ANEN = 1 and
auto-negotiation fails. Force port 2 in half duplex mode if
P2ANEN = 0.
A7
P2FFC
Ipd
1 = always enable (force) port 2 flow control feature
0 = port 2 flow control feature enable is determined by auto-
negotiation result.
B6
P2LED3
Opd
Port 2 LED indicator
Note: Internal pull-down is weak; it will not turn ON the LED.
See description in pin 4.
A6
LEDSEL1
Ipd
LED display mode select
See description in pins 1 and 4.
B5
P1LED3
Opd
Port 1 LED indicator
Note: An external 1K pull-down is needed on this pin if it is
connected to a LED. The 1K resistor will not turn ON the
LED.
See description in pin 1.
A5
RMII_EN
Opd
Strap pin for RMII Mode
0 = Disable
1 = Enable
After reset, this pin has no meaning and is a no connect.
B4
HWPOVR
Ipd
Hardware pin overwrite
0 = Disable. All strap-in pins configurations are overwritten by
the EEPROM configuration data
1 = Enable. All strap-in pins configurations are overwritten by
the EEPROM configuration data, except for register 0x2C bits
[7:5], (port 2: auto-negotiation enable, force speed, force
duplex).
A4
P2MDIXDIS
Ipd
Port 2 Auto MDI/MDI-X
PD (default) = enable
PU = disable
B3
P2MDIX
Ipd
Port 2 MDI/MDI-X setting when auto MDI/MDI-X is disabled.
PD (default) = MDI-X (transmit on TXP2 / TXM2 pins)
PU = MDI, (transmit on RXP2 / RXM2 pins)
A3
P1ANEN
Ipu
1 = enable auto-negotiation on port 1
0 = disable auto-negotiation on port 1
B2
P1SPD
Ipd
1 = force port 1 to 100BT if P1ANEN = 0
0 = force port 1 to 10BT if P1ANEN = 0
A2
P1DPX
Ipd
1 = port 1 default to full duplex mode if P1ANEN = 1 and
auto- negotiation fails. Force port 1 in full-duplex mode if
P1ANEN = 0.
0 = port 1 default to half duplex mode if P1ANEN = 1 and
auto- negotiation fails. Force port 1 in half duplex mode if
P1ANEN = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com