| Electronic Components Datasheet Search |
|
STI14NM50N Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STI14NM50N Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 26 page ![]() STB14NM50N, STD14NM50N, STF14NM50N, STI14NM50N, STP14NM50N Electrical ratings Doc ID 16832 Rev 6 3/26 1 Electrical ratings Table 2. Absolute maximum ratings Symbol Parameter Value Unit D2PAK, DPAK I2PAK, TO-220 TO-220FP VDS Drain-source voltage 500 V VGS Gate-source voltage ± 25 V ID Drain current (continuous) at TC = 25 °C 12 12 (1) 1. Limited by maximum junction temperature A ID Drain current (continuous) at TC = 100 °C 8 8 (1) A IDM (2) 2. Pulse width limited by safe operating area Drain current (pulsed) 48 48 (1) A PTOT Total dissipation at TC = 25 °C 90 25 W dv/dt (3) 3. ISD ≤ 12 A, di/dt ≤ 400 A/s,VDS peak ≤ V(BR)DSS, VDD = 80% V(BR)DSS Peak diode recovery voltage slope 15 V/ns VISO Insulation withstand voltage (RMS) from all three leads to external heat sink (t = 1 s; TC = 25 °C) 2500 V Tstg Storage temperature - 55 to 150 °C Tj Max. operating junction temperature 150 °C Table 3. Thermal data Symbol Parameter Value Unit D²PAK DPAK TO-220FP I²PAK TO-220 Rthj-case Thermal resistance junction-case max 1.39 5 1.39 °C/W Rthj-amb Thermal resistance junction- ambient max 62.5 °C/W Rthj-pcb (1) 1. When mounted on 1inch² FR-4 board, 2 oz Cu Thermal resistance junction-pcb max 30 50 °C/W Table 4. Avalanche data Symbol Parameter Value Unit IAR Avalanche current, repetitive or not-repetitive (pulse width limited by Tj max) 4A EAS Single pulse avalanche energy (starting Tj = 25°C, ID = IAR, VDD = 50 V) 172 mJ |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |