Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC27L2ACPE4 Datasheet(PDF) 32 Page - Texas Instruments

Part # TLC27L2ACPE4
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L2ACPE4 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC27L2ACPE4 Datasheet HTML 28Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 29Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 30Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 31Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 32Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 33Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 34Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 35Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
TLC27L2
1/2
VI
0.016
µF
VO
10 k
Ω
5 V
−
+
10 k
Ω
0.016
µF
NOTE: Normalized to fc = 1 kHz and RL = 10 kΩ
Figure 48. Two-Pole Low-Pass Butterworth Filter
−
+
VO
1/2
TLC27L7
R2
100 k
Ω
R1
10 k
Ω
100 k
Ω
R2
VIB
VDD
VIA
R1
10 k
Ω
NOTE: VDD = 5 V to 16 V
V
O +
R2
R1
V
IB
–V
IA
Figure 49. Difference Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com