| Electronic Components Datasheet Search |
|
TLA-3T112LF Datasheet(PDF) 21 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
TLA-3T112LF Datasheet(HTML) 21 Page - TDK Electronics |
|
21 / 34 page ![]() (20/33) 006-02 / 20120414 / edlan_tla.fm • All specifications are subject to change without notice. TLA-7T201LF(-T) ISO8802.3(IEEE802.3) 10/100/1000BASE-T FEATURES • Product conforming to RoHS directive. • Can be mounted with lead-free solder (260°C max.). • 24-pin SMD package(1.27mm=50mil pin pitch). • Because it is low profile design of 2.2mm max., space saving is possible and is suitable for notebook PC. • Excellent common mode noise suppression. • Inductance is 350μH or greater (f=100kHz, DC bias=8mA). • Using the high-quality and wide-band ferrite cores for LAN. • Packaging specification is taping and bulk(TLA-7T201LF-T: Tape and reel, TLA-7T201LF: Bulk). GENERAL SPECIFICATIONS SHAPES AND DIMENSIONS CIRCUIT DIAGRAM RECOMMENDED PC BOARD PATTERN ELECTRICAL CHARACTERISTICS • Ta=25°C Pulse transformer 4 Common-mode choke 4 Port 1[1000BASE-T] Temperature ranges Operating 0 to +70°C Storage –40 to +85°C Withstanding voltage Erms:1500V[60s] Part No. Turns ratio : : : : Inductance ( H)min. [DC bias 8mA, 100kHz] - - - - Insertion loss (dB)max. [0.1 to 100MHz] - - - - Inter-winding stray capacitance (pF)max.[100kHz] - - - - TLA-7T201LF(-T) 1CT:1CT 350 1 25 16max. 2.2max. TDK ∗∗∗ Part No. Lot No. 0.45typ. 1.27typ. 0.2typ. ∗∗∗: Country of origin Dimensions in mm 0.10max. 13.97 Dimensions in mm 1.27 0.9 • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |