Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGD3HF60HDT4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGD3HF60HDT4
Description  4.5 A, 600 V very fast IGBT with Ultrafast diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD3HF60HDT4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGD3HF60HDT4 Datasheet HTML 3Page - STMicroelectronics STGD3HF60HDT4 Datasheet HTML 4Page - STMicroelectronics STGD3HF60HDT4 Datasheet HTML 5Page - STMicroelectronics STGD3HF60HDT4 Datasheet HTML 6Page - STMicroelectronics STGD3HF60HDT4 Datasheet HTML 7Page - STMicroelectronics STGD3HF60HDT4 Datasheet HTML 8Page - STMicroelectronics STGD3HF60HDT4 Datasheet HTML 9Page - STMicroelectronics STGD3HF60HDT4 Datasheet HTML 10Page - STMicroelectronics STGD3HF60HDT4 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STGD3HF60HD
Electrical characteristics
Doc ID 17690 Rev 3
7/16
Figure 8.
Gate threshold voltage vs
temperature
Figure 9.
Gate charge vs gate-emitter
voltage
Figure 10.
Capacitance variations
Figure 11.
Switching losses vs collector
current
Figure 12.
Switching losses vs gate resistence Figure 13.
Switching losses vs temperature
VGE(th)
5.0
4.5
4.0
3.5
-50
0
TJ(°C)
(V)
50
100
VGE=VCE
IC=250µA
AM08830v1
VGE
15
10
5
0
0
4
Qg(nC)
(V)
8
12
VCC=480V
IC=1.5A
AM08831v1
C
150
100
50
0
0
20
VCE(V)
(pF)
10
200
30
Cies
Coes
Cres
40
250
300
f=1MHz
VGE=0
AM08832v1
E
10
0.5
1.5
IC(A)
(µJ)
1.0
2.0
20
Eon
Eoff
2.5
VCE=400V, RG=100
Ω
VGE=15V, TJ=125°C
30
40
50
60
70
AM08889v1
E
30
0
400
RG(
Ω)
(µJ)
200
600
35
Eon
Eoff
800
VCE=400V, IC=1.5A
VGE=15V, TJ=125°C
40
45
50
55
60
AM08890v1
E
10
25
75
TJ(°C)
(µJ)
50
100
Eon
Eoff
VCE=400V, IC=1.5A
VGE=15V, RG=100
Ω
15
20
25
30
35
AM08891v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com