Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV160NF02LT4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV160NF02LT4
Description  N-CHANNEL 20V - 0.0016Ω - 160A PowerSO-10 STripFET™II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV160NF02LT4 Datasheet(HTML) 2 Page - STMicroelectronics

  STV160NF02LT4 Datasheet HTML 1Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 2Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 3Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 4Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 5Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 6Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 7Page - STMicroelectronics STV160NF02LT4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
STV160NF02L
2/8
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
Rthj-case
Thermal Resistance Junction-case Max
0.71
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
50
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
300
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS =0
20
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS =Max Rating
1µA
VDS =Max Rating,TC = 125 °C
10
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS =± 15 V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 250µA
1V
RDS(on)
Static Drain-source On
Resistance
VGS =10 V,ID =80A
VGS =10 V,ID =45A
VGS =10 V,ID =20A
VGS =8V, ID =80 A
VGS =5V, ID =40 A
VGS =10V,ID=80 A;Tj =175 °C
VGS =8V, ID=80 A; Tj =175 °C
VGS =5V, ID=40 A; Tj =175 °C
1.35
1.6
1.56
1.7
3.5
2.5
2.5
2.5
3.5
6
5.7
7
11.4
m
m
m
m
m
m
m
m
ID(on)
On State Drain Current
VDS >ID(on) xRDS(on)max,
VGS =10V
160
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS >ID(on) xRDS(on)max,
ID = 80A
210
S
Rg
Gate resistance
VDS =0 V,f= 1MHz,VGS =0
0.5
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS =15V,f= 1MHz,VGS =0
4800
3000
680
pF
pF
pF
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS =0 V,f= 1MHz,VGS =0
7000
12300
4200
pF
pF
pF
LS
Internal Source Inductance
From the Lead End (6mm from
Package Body) to the Die
Center
4nH
LD
Internal Drain Inductance
Not Available on Surface Mounting
Package
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com