Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5101ASDX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5101ASDX/NOPB
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5101ASDX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5101ASDX/NOPB Datasheet HTML 1Page - Texas Instruments LM5101ASDX/NOPB Datasheet HTML 2Page - Texas Instruments LM5101ASDX/NOPB Datasheet HTML 3Page - Texas Instruments LM5101ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM5101ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM5101ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM5101ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM5101ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM5101ASDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM5100A, LM5100B, LM5100C, LM5101A, LM5101B, LM5101C
SNOSAW2P – SEPTEMBER 2006 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified, VDD =
VHB = 12V, VSS = VHS = 0V, No Load on LO or HO
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SUPPLY CURRENTS
IDD
VDD Quiescent Current, LM5100A/B/C
LI = HI = 0V
0.1
0.2
mA
VDD Quiescent Current, LM5101A/B/C
LI = HI = 0V
0.25
0.4
IDDO
VDD Operating Current
f = 500 kHz
2.0
3
mA
IHB
Total HB Quiescent Current
LI = HI = 0V
0.06
0.2
mA
IHBO
Total HB Operating Current
f = 500 kHz
1.6
3
mA
IHBS
HB to VSS Current, Quiescent
HS = HB = 100V
0.1
10
µA
IHBSO
HB to VSS Current, Operating
f = 500 kHz
0.4
mA
INPUT PINS
VIL
Input Voltage Threshold LM5100A/B/C
Rising Edge
4.5
5.4
6.3
V
VIL
Input Voltage Threshold LM5101A/B/C
Rising Edge
1.3
1.8
2.3
V
VIHYS
Input Voltage Hysteresis LM5100A/B/C
500
mV
VIHYS
Input Voltage Hysteresis LM5101A/B/C
50
mV
RI
Input Pulldown Resistance
100
200
400
k
Ω
UNDER VOLTAGE PROTECTION
VDDR
VDD Rising Threshold
6.0
6.9
7.4
V
VDDH
VDD Threshold Hysteresis
0.5
V
VHBR
HB Rising Threshold
5.7
6.6
7.1
V
VHBH
HB Threshold Hysteresis
0.4
V
BOOT STRAP DIODE
VDL
Low-Current Forward Voltage
IVDD-HB = 100 µA
0.52
0.85
V
VDH
High-Current Forward Voltage
IVDD-HB = 100 mA
0.8
1
V
RD
Dynamic Resistance LM5100A/B/C, LM5101A/B/C IVDD-HB = 100 mA
1.0
1.65
Ω
LO & HO GATE DRIVER
VOL
Low-Level Output Voltage LM5100A/LM5101A
IHO = ILO = 100 mA
0.12
0.25
Low-Level Output Voltage LM5100B/LM5101B
0.16
0.4
V
Low-Level Output Voltage LM5100C/LM5101C
0.28
0.65
VOH
High-Level Output Voltage LM5100A/LM5101A
IHO = ILO = 100 mA
0.24
0.45
VOH = VDD– LO or
High-Level Output Voltage LM5100B/LM5101B
0.28
0.60
V
VOH = HB - HO
High-Level Output Voltage LM5100C/LM5101C
0.60
1.10
IOHL
Peak Pullup Current LM5100A/LM5101A
HO, LO = 0V
3
Peak Pullup Current LM5100B/LM5101B
2
A
Peak Pullup Current LM5100C/LM5101C
1
IOLL
Peak Pulldown Current LM5100A/LM5101A
HO, LO = 12V
3
Peak Pulldown Current LM5100B/LM5101B
2
A
Peak Pulldown Current LM5100C/LM5101C
1
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com