Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T810T-6I Datasheet(PDF) 3 Page - STMicroelectronics

Part # T810T-6I
Description  Snubberless?? logic level and standard 8 A Triacs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T810T-6I Datasheet(HTML) 3 Page - STMicroelectronics

  T810T-6I Datasheet HTML 1Page - STMicroelectronics T810T-6I Datasheet HTML 2Page - STMicroelectronics T810T-6I Datasheet HTML 3Page - STMicroelectronics T810T-6I Datasheet HTML 4Page - STMicroelectronics T810T-6I Datasheet HTML 5Page - STMicroelectronics T810T-6I Datasheet HTML 6Page - STMicroelectronics T810T-6I Datasheet HTML 7Page - STMicroelectronics T810T-6I Datasheet HTML 8Page - STMicroelectronics T810T-6I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
T8T
Characteristics
Doc ID 16192 Rev 3
3/9
Table 3.
Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrant
T8xxT
Unit
T810T
T820T
T825T
T835T
IGT
(1)
VD = 12 V, RL = 30 Ω
I - II - III
MAX.
10
20
25
35
mA
IV
40
VGT
VD = VDRM, RL = 30 Ω,
Tj = 25 °C
ALL
MAX.
1.3
V
VGD
VD = VDRM, RL = 3.3 kΩ,
Tj = 125 °C
ALL
MIN.
0.2
V
IH
(2)
IT = 500 mA
MAX.
15
25
30
40
mA
IL
IG = 1.2 IGT
I - III
MAX.
20
35
40
50
mA
IV
40
II
25
40
70
70
dV/dt (2)
VD = 67% VDRM, gate open
Tj = 125 °C
MIN.
100
750
500
2000
V/µs
Tj = 150 °C
(3)
50
500
300
1000
(di/dt)c (2)
(dV/dt)c = 0.1 V/µs
Tj = 125 °C
MIN.
5.4
A/ms
(dV/dt)c = 10 V/µs
2
4.5
Without snubber
3.4
8
(dV/dt)c = 0.1 V/µs
Tj = 150 °C
(3)
2.5
(dV/dt)c = 10 V/µs
1
2
Without snubber
2
6.5
1.
Minimum IGT is guaranted at 5% of IGT max.
2.
For both polarities of A2 referenced to A1.
3.
Derating information for excess temperature above Tj max.
Table 4.
Static characteristics
Symbol
Test conditions
Value
Unit
VT
(1)
ITM = 11.3 A, tp = 380 µs
Tj = 25 °C
MAX.
1.60
V
VTO
(1)
Threshold voltage
Tj = 125 °C
MAX.
0.87
V
RD
(1)
Dynamic resistance
Tj = 125 °C
MAX.
60
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
MAX.
5µA
Tj = 125 °C
1
mA
VD = 0.9 x VDRM
Tj = 150 °C
(2)
TYP.
1.9
1.
For both polarities of A2 referenced to A1.
2.
Derating information for excess temperature above Tj max.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com