Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F372CC Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32F372CC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372CC Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32F372CC Datasheet HTML 64Page - STMicroelectronics STM32F372CC Datasheet HTML 65Page - STMicroelectronics STM32F372CC Datasheet HTML 66Page - STMicroelectronics STM32F372CC Datasheet HTML 67Page - STMicroelectronics STM32F372CC Datasheet HTML 68Page - STMicroelectronics STM32F372CC Datasheet HTML 69Page - STMicroelectronics STM32F372CC Datasheet HTML 70Page - STMicroelectronics STM32F372CC Datasheet HTML 71Page - STMicroelectronics STM32F372CC Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 128 page
background image
Electrical characteristics
STM32F37x
68/128
Doc ID 022691 Rev 3
On-chip peripheral current consumption
The MCU is placed under the following conditions:
all I/O pins are in analog input configuration
all peripherals are disabled unless otherwise mentioned
the given value is calculated by measuring the current consumption
with all peripherals clocked off
with only one peripheral clocked on
Ambient operating temperature at 25°C and VDD = VDDA= 3.3 Volts
Table 36.
Peripheral current consumption
Peripheral
Typical consumption(1)
Unit
AHB peripherals
BusMatrix(2)
6.9
µA/MHz
DMA1
18.3
DMA2
4.8
CRC
2.6
GPIOA
12.2
GPIOB
11.9
GPIOC
4.3
GPIOD
12.0
GPIOE
4.4
GPIOF
3.7
TSC
5.7
APB2 peripherals
APB2-Bridge(3)
4.2
SYSCFG
2.8
ADC1
17.7
SPI1
12.3
USART1
22.9
TIM15
15.7
TIM16
12.2
TIM17
12.1
TIM19
18.5
SDAC1
10.8
SDAC2
10.5
SDAC3
10.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com