Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RXM4LB2BD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RXM4LB2BD
Description  Electromechanical Zelio Relay RXM Optimum miniature plug-in relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RXM4LB2BD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RXM4LB2BD Datasheet HTML 1Page - List of Unclassifed Manufacturers RXM4LB2BD Datasheet HTML 2Page - List of Unclassifed Manufacturers RXM4LB2BD Datasheet HTML 3Page - List of Unclassifed Manufacturers RXM4LB2BD Datasheet HTML 4Page - List of Unclassifed Manufacturers RXM4LB2BD Datasheet HTML 5Page - List of Unclassifed Manufacturers RXM4LB2BD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
Characteristics
Electromechanical Zelio Relay
RXM Optimum miniature plug-in relays
General characteristics
Conforming to standards
e, ROHS, IEC/EN 61810-1 (iss.2)
Product certifications
None
Ambient air temperature
around the device
Storage
°C
- 40… + 85
Operation
°C
- 40… + 55
Vibration resistance
conforming to
IEC/EN60068-2-6
Operating
3 gn (10...50 Hz)
Not operating
6 gn (10...50 Hz)
Degree of protection conforming to IEC/EN 60529
IP 40
Shock resistance
conforming to
IEC/EN 60068-2-27
Opening
10 gn
Closing
5 gn
Protection category
RT I
Mounting position
Any
Insulation characteristics
Rated insulation voltage (Ui)
V
250 (IEC)
Rated impulse withstand voltage (Uimp)
kV
3.6 (1.2/50 μs)
Dielectric strength
(rms voltage)
Between coil and contact
a V
2000
Between poles
a V
2000
Between contacts
a V
1000
Contact characteristics
Relay type
RXM 2LBppp
RXM 4LBppp
Number and type of contacts
2 C/O
4 C/O
Contact materials
Silver Alloy
Silver Alloy
Conventional thermal current
(Ith)
For ambient temperature y55 °C A
53
Rated operational current
in utilisation categories AC-1 and
DC-1
Conforming to IEC
N/O
5
3
N/C
2.5
1.5
Minimum switchable current
mA
10
Switching voltage
Maximum
V
c/a 250
Minimum
V
17
Rated load (resistive)
A
5 / 250 VAC
3 / 250 VAC
A
5 / 28 VDC
3 / 28 VDC
Switching capacity
Maximum
a
VA
1250
750
c
W
140
84
Minimum
mW
170
170
Maximum operating rate
In operating cycles/hour
No-load
18 000
Under load
1200
Utilisation coefficient
20 %
Mechanical durability
In millions of operating cycles
10
Electrical durability
In millions of operating cycles
Resistive load
0.1
Inductive load
See curves below
Electrical durability of contacts
Maximum switching capacity
For 2 poles relay
For 4 poles relay
For 2 poles relay
For 4 poles relay
Contact current (A)
10
5
10
6
10
7
0
0,1 0,5
1 1,5 35
8
A
B
Contact current (A)
A
B
10
5
10
6
10
7
0
0,1
0,5
1 1,5 35
8
Contact voltage (V)
A
C
D
B
0 5 10
50
100
200
500
8,0
5,0
3,0
1,0
0,1
0,5
A
B
8,0
5,0
3,0
1,0
0,1
0,5
5
0
10
50
100
200
500
C
D
Contact voltage (V)
A Inductive load
B Resistive load
A Inductive load a
B Resistive load a
C Inductive load c
D Resistive load c
Durability (inductive load) = durability (resistive load) x reduction coefficient.
2
1
3
4
5
6
7
8
9
10
2
1
3
4
5
6
7
8
9
10
28212-EN
version: 1.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com