| Electronic Components Datasheet Search |
|
STM32F373R8 Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373R8 Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 128 page ![]() STM32F37x Functional overview Doc ID 022691 Rev 3 19/128 3.14 Digital-to-analog converter (DAC) The devices feature up to two 12-bit buffered DACs with three output channels that can be used to convert three digital signals into three analog voltage signal outputs. The internal structure is composed of integrated resistor strings and an amplifier in inverting configuration. This digital Interface supports the following features: ● Up to two DAC converters with three output channels: – DAC1 with two output channels – DAC2 with one output channel. ● 8-bit or 10-bit monotonic output ● Left or right data alignment in 12-bit mode ● Synchronized update capability ● Noise-wave generation ● triangular-wave generation ● Dual DAC channel independent or simultaneous conversions (DAC1 only) ● DMA capability for each channel ● External triggers for conversion 3.15 Fast comparators (COMP) The STM32F37x embeds up to 2 comparators with rail-to-rail inputs and high-speed output. The reference voltage can be internal or external (delivered by an I/O). The threshold can be one of the following: ● DACs channel outputs ● External I/O ● Internal reference voltage (VREFINT) or submultiple (1/4 VREFINT, 1/2 VREFINT and 3/4 VREFINT) The comparators can be combined into a window comparator. Both comparators can wake up the device from Stop mode and generate interrupts and breaks for the timers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |