Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RXM4LB2P7 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RXM4LB2P7
Description  Electromechanical Zelio Relay RXM Optimum miniature plug-in relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RXM4LB2P7 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RXM4LB2P7 Datasheet HTML 1Page - List of Unclassifed Manufacturers RXM4LB2P7 Datasheet HTML 2Page - List of Unclassifed Manufacturers RXM4LB2P7 Datasheet HTML 3Page - List of Unclassifed Manufacturers RXM4LB2P7 Datasheet HTML 4Page - List of Unclassifed Manufacturers RXM4LB2P7 Datasheet HTML 5Page - List of Unclassifed Manufacturers RXM4LB2P7 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4
Electromechanical Zelio Relay
RXM Optimum miniature plug-in relays
Characteristics (continued)
Coil characteristics
Average consumption
a
VA
1.2
c
W
0,9
Drop-out voltage threshold
a
≥ 0.15 Uc
c
≥ 0.1 Uc
Operating time
(response time)
Between coil energisation
and making of the On-delay
contact
a
ms
20
c
ms
20
Between coil de-energisation
and making of the Off-delay
contact
a
ms
20
c
ms
20
Control circuit voltage Uc
V
12
24
36
48
110
120
230
Relay control voltage codes
JD
BD
CD
ED
FD
–
–
DC supply
Average resistance at 20 °C ± 10%
Ω
160
630
1500
2600
11000
–
–
Operating voltage limits
Min.
V
9.6
19.2
28.8
38.4
88
–
–
Max.
V
13.2
26.4
39.6
52.8
121
–
–
Relay control voltage codes
–
B7
–––F7
P7
AC supply
Average resistance at 20 °C ± 15%
Ω
–
160
–
–
–
4500
15000
Operating voltage limits
Min.
V
–
19.2
–––96
184
Max.
V
–
26.4
–
–
–
132
253
Socket characteristics
Socket Type
RXZ E1M2C
RXZ E1M4C
Relay Type
RXM 2ppppp
RXM 2ppppp, RXM 4ppppp
Contact terminal arrangement
Mixed
Wire connection method
Screw clamp
Width
mm
22.5
29
Product certifications
None
Conformity to standards
e, ROHS, IEC 61984
Electrical Ratings
Conventional Thermal Current (Ith)
A
7
Nominal Voltage Rating
V
250 (IEC)
Dielectric Strength
Output to Adjacent Output Terminals
Vrms 2 500
Output to Input Terminals
Vrms 2 500
General Characteristics
Temperature range
Operating
°C
- 40…+ 55
Storage
°C
- 55…+ 85
Degree of protection
Conforming to IEC/EN 60529
IP 20
Connection
Solid cable without
cable end
1 conductor
mm2
0.5…1.5
AWG 20…16
2 conductors
mm2
0.5…1.5
AWG 20…16
Flexible cable with
cable end
1 conductor
mm2
0.25…1
AWG 22…17
2 conductors
mm2
0.25…1
AWG 22…17
Screw Size
mm
M3
Maximum tightening torque
Nm
0.8 (M3 Screw)
Mounting
35 mm DIN Rail / Panel
DIN Rail locking method
Red Plastic Clip
Terminal Marking
IEC, NEMA
Relay fixing plastic clip compatible
No
No
Relay fixing metal clip compatible
Yes
Yes
Protection modules
No
No
Clip-In legend
No
No
2
1
3
4
5
6
7
8
9
10
2
1
3
4
5
6
7
8
9
10
28212-EN
version: 1.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com