Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM25040B Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # FM25040B
Description  4Kb Serial 5V F-RAM Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25040B Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button FM25040B_13 Datasheet HTML 6Page - Cypress Semiconductor FM25040B_13 Datasheet HTML 7Page - Cypress Semiconductor FM25040B_13 Datasheet HTML 8Page - Cypress Semiconductor FM25040B_13 Datasheet HTML 9Page - Cypress Semiconductor FM25040B_13 Datasheet HTML 10Page - Cypress Semiconductor FM25040B_13 Datasheet HTML 11Page - Cypress Semiconductor FM25040B_13 Datasheet HTML 12Page - Cypress Semiconductor FM25040B_13 Datasheet HTML 13Page - Cypress Semiconductor FM25040B_13 Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
FM25040B - 4Kb 5V SPI F-RAM
Document Number: 001-86145 Rev. *A
Page 13 of 14
Revision History
Revision
Date
Summary
1.0
11/10/2010
Initial Release
1.1
1/31/2011
Added ESD ratings.
1.2
2/15/2011
Changed tPU and tVF spec limits.
3.0
1/6/2012
Changed to Production status. Changed tVF spec.
Document History
Document Title: FM25040B 4Kb Serial 5V F-RAM Memory
Document Number: 001-86145
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
3902952
GVCH
02/25/2013
New Spec
*A
3924523
GVCH
03/07/2013
Changed tPU spec value from 10ms to 1ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com