Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151VBT6 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32L151VBT6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VBT6 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32L151VBT6 Datasheet HTML 67Page - STMicroelectronics STM32L151VBT6 Datasheet HTML 68Page - STMicroelectronics STM32L151VBT6 Datasheet HTML 69Page - STMicroelectronics STM32L151VBT6 Datasheet HTML 70Page - STMicroelectronics STM32L151VBT6 Datasheet HTML 71Page - STMicroelectronics STM32L151VBT6 Datasheet HTML 72Page - STMicroelectronics STM32L151VBT6 Datasheet HTML 73Page - STMicroelectronics STM32L151VBT6 Datasheet HTML 74Page - STMicroelectronics STM32L151VBT6 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 121 page
background image
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
Doc ID 17659 Rev 8
71/121
6.3.6
Internal clock source characteristics
The parameters given in Table 30 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 14.
High-speed internal (HSI) RC oscillator
Low-speed internal (LSI) RC oscillator
Table 30.
HSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
VDD = 3.0 V
16
MHz
TRIM
(1)(2)
1.
The trimming step differs depending on the trimming code. It is usually negative on the codes which are
multiples of 16 (0x00, 0x10, 0x20, 0x30...0xE0).
HSI user-trimmed
resolution
Trimming code is not a multiple of 16
± 0.4
0.7
%
Trimming code is a multiple of 16
± 1.5
%
ACCHSI
(2)
2.
Based on characterization, not tested in production.
Accuracy of the
factory-calibrated
HSI oscillator
VDDA = 3.0 V, TA = 25 °C
-1(3)
3.
Tested in production.
1(3)
%
VDDA = 3.0 V, TA = 0 to 55 °C
-1.5
1.5
%
VDDA = 3.0 V, TA = -10 to 70 °C
-2
2
%
VDDA = 3.0 V, TA = -10 to 85 °C
-2.5
2
%
VDDA = 3.0 V, TA = -10 to 105 °C
-4
2
%
VDDA = 1.65 V to 3.6 V
TA = -40 to 105 °C
-4
3
%
tSU(HSI)
(2)
HSI oscillator
startup time
3.7
6
µs
IDD(HSI)
(2)
HSI oscillator
power consumption
100
140
µA
Table 31.
LSI oscillator characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fLSI
(1)
1.
Tested in production.
LSI frequency
26
38
56
kHz
DLSI
(2)
2.
This is a deviation for an individual part, once the initial frequency has been measured.
LSI oscillator frequency drift
0°C
≤ TA ≤ 85°C
-10
4
%
tsu(LSI)
(3)
3.
Guaranteed by design, not tested in production.
LSI oscillator startup time
200
µs
IDD(LSI)
(3)
LSI oscillator power consumption
400
510
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com