Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

19-237-R6GHBHC-A01-2T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 19-237-R6GHBHC-A01-2T
Description  0.35mm Height Chip LED with Full Color
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-237-R6GHBHC-A01-2T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  19-237-R6GHBHC-A01-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 1 of 12
Device No. : DSE-937-001
Prepared date: 26-Aug-2008
Prepared by : Ashley Kuo
Technical Data Sheet
0.35mm Height Chip LED with Full Color
19-237/R6GHBHC-A01/2T
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Full-color type.
․Pb-free.
․The product itself will remain within RoHS
compliant version.
Descriptions
․The 19-237 SMD LED is much smaller
than lead frame type components, thus
enable smaller board size, higher packing
density, reduced storage space and finally
smaller equipment to be obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Chip
Type
Material
Emitted Color
Resin Color
R6
AlGaInP
Brilliant Red
GH
InGaN
Brilliant Green
BH
InGaN
Blue
Water Clear


Similar Part No. - 19-237-R6GHBHC-A01-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-237-R6GHBHC-A01 EVERLIGHT-19-237-R6GHBHC-A01 Datasheet
217Kb / 12P
0.35mm Height Chip LED with Full Color
07-26-2005
More results

Similar Description - 19-237-R6GHBHC-A01-2T

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSTKGBBCR9 OPTEK-OVSTKGBBCR9 Datasheet
804Kb / 6P
Full Color .35mm Height Chip LED
logo
Everlight Electronics C...
R6GHBHC-A01 EVERLIGHT-R6GHBHC-A01 Datasheet
198Kb / 12P
0.5mm Height Chip LED with Full Color
19-237-R6GHBHC-A01 EVERLIGHT-19-237-R6GHBHC-A01 Datasheet
217Kb / 12P
0.35mm Height Chip LED with Full Color
07-26-2005
S2GHBHC-A01 EVERLIGHT-S2GHBHC-A01 Datasheet
221Kb / 12P
0.35mm Height Chip LED with Full Color
07-26-2005
19-337-R6GHBHC-A01 EVERLIGHT-19-337-R6GHBHC-A01 Datasheet
218Kb / 12P
0.35mm Height Chip LED with Full Color
12-337-S2GHBHC-A01 EVERLIGHT-12-337-S2GHBHC-A01 Datasheet
236Kb / 12P
0.35mm Height Chip LED with Full Color
19-137-R6GHBHC-A01-2T EVERLIGHT-19-137-R6GHBHC-A01-2T Datasheet
279Kb / 12P
0.5mm Height Chip LED with Full Color
19-337-R6GHBHC-A01-2T EVERLIGHT-19-337-R6GHBHC-A01-2T Datasheet
268Kb / 12P
0.35mm Height Chip LED with Full Color
logo
HK TO-GRACE TECHNOLOGY ...
19-137-R6GHBHC-A01-2T TO-GRACE-19-137-R6GHBHC-A01-2T Datasheet
1Mb / 12P
0.5mm Height Chip LED with Full Color
19-337-R6GHBHC-A01-2T TO-GRACE-19-337-R6GHBHC-A01-2T Datasheet
906Kb / 12P
0.35mm Height Chip LED with Full Color
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com