Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC565MVR56 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC565MVR56
Description  This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC565MVR56 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC565MVR56 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MOTOROLA
MPC565/MPC566 Product Brief
7
Detailed Feature List
1.2.14 Queued Serial Multi-Channel Modules (QSMCM)
•
Two queued serial modules with one queued-SPI and two SCI each (QSMCM_A, QSMCM_B)
— QSMCM_A matches full MPC555 QSMCM functionality
— QSMCM_B has pins muxed with DLCMD2 module
– Two pins are muxed with DLCMD2 (J1850) transmit and receive pins
(B_PCS3_J1850_TX and B_RXD2_J1850_RX)
– QSMCM B vs J1850 mux control provided by QPAPCS3 bit in QSMCM pin assignment
register (PQSPAR)
•
Queued-SPI
— Provides full-duplex communication port for peripheral expansion or interprocessor
communication
— Up to 32 preprogrammed transfers, reducing overhead
— Synchronous serial interface with baud rate of up to system clock / 4
— Four programmable peripheral-select pins support up to 16 devices
— Special wrap-around mode allows continuous sampling of a serial peripheral for efficient
interfacing to serial analog-to-digital (A/D) converters
•SCI
— UART mode provides NRZ format and half- or full-duplex interface
— 16 register receive buffer and 16 register transmit buffer on one SCI
— Advanced error detection, and optional parity generation and detection
— Word length programmable as 8 or 9 bits
— Separate transmitter and receiver enable bits, and double buffering of data
— Wake-up functions allow the CPU to run uninterrupted until either a true idle line is detected,
or a new address byte is received
1.2.15 Electrical Specifications and Packaging
•
40 MHz operation (56 MHz operation is optional for the MPC566)
•-40
°C – 125°C ambient temperature, -40°C – 85°C for suffix C device, -55°C– 125°C for suffix A
devices
•2.6 V
± 0.1 V external bus
— External bus is compatible with external memory devices operating from 2.5 V to 3.4 V.
— Extended voltage range (2.7 – 3.4 V) degrades data drive timing by 1.1 ns on date writes.
•2.6
± 0.1 V internal logic
•
5-V I/O (5.0
± 0.25 V)
•
Available in package or bumped die
•
Plastic ball grid array (PBGA) packaging
– 388 ball PBGA
– 27 mm x 27 mm body size
•
1.0 mm ball pitch
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com