Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF21030LR5 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRF21030LR5
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21030LR5 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF21030LR5 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MRF21030LR3 MRF21030LSR3
3
RF Device Data
Freescale Semiconductor
Figure 1. MRF21030LR3(SR3) Test Circuit Schematic
RF
INPUT
RF
OUTPUT
Z1
Z2
VBIAS
C2
C9
C6
+
L1
DUT
VSUPPLY
B1, B2
Short Ferrite Beads
C1
1 pF Chip Capacitor
C2
4.7 pF Chip Capacitor
C3
0.5 pF Chip Capacitor
C4
3.9 pF Chip Capacitor
C5, C12
0.1 μF Chip Capacitors
C6, C13
470 μF, 63 V Electrolytic Chip Capacitors
C7, C8
0.3 pF Chip Capacitors
C9
3.6 pF Chip Capacitor
C10
22 μF Tantalum Chip Capacitor
C11
5.1 pF Chip Capacitor
L1, L2
12.5 nH Inductors
R1, R2
12 Ω Chip Resistors (1206)
Z1
0.153″ x 0.087″ Microstrip
Z2
0.509″ x 0.156″ Microstrip
Z3
0.572″ x 0.087″ Microstrip
Z4
0.509″ x 0.232″ Microstrip
Z5
0.277″ x 0.143″ Microstrip
Z6
0.200″ x 0.305″ Microstrip
Z7
0.200″ x0.511″ Microstrip
Z8
0.510″ x 0.328″ Microstrip
Z9
0.608″ x 0.081″ Microstrip
PCB
Taconic TLX8, 30 mils, εr =2.55
Z3
C13
C11
Z8
Z9
Z7
C5
C10
Z5
Z6
L2
B2
R2
C4
C1
Z4
Z10
C3
C8
+
C12
+
Figure 2. MRF21030LR3(SR3) Test Circuit Component Layout
C7
B1
R1
+
+
C1
C2
C3
L1
C4
C8
C7
L2
C9
C11
C10
B2
R2
C12
C13
C5
C6
R1
B1
V
V
Ground
Ground
BIAS
SUPPLY
MRF21030
Rev 1
Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale Semiconductor signature/-
logo. PCBs may have either Motorola or Freescale markings during the transition period. These changes will have no impact
on form, fit or function of the current product.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com