Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM303DLHCTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM303DLHCTR
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHCTR Datasheet(HTML) 1 Page - STMicroelectronics

  LSM303DLHCTR Datasheet HTML 1Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 2Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 3Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 4Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 5Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 6Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 7Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 8Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
April 2011
Doc ID 018771 Rev 1
1/42
42
LSM303DLHC
Ultra compact high performance e-compass
3D accelerometer and 3D magnetometer module
Features
3 magnetic field channels and 3 acceleration
channels
From ±1.3 to ±8.1 gauss magnetic field full-
scale
±2g/±4g/±8g/±16g selectable full-scale
16 bit data output
I2C serial interface
Analog supply voltage 2.16 V to 3.6 V
Power-down mode/ low-power mode
2 independent programmable interrupt
generators for free-fall and motion detection
Embedded temperature sensor
Embedded FIFO
6D/4D orientation detection
ECOPACK® RoHS and “Green” compliant
Applications
Compensated compass
Map rotation
Position detection
Motion-activated functions
Free-fall detection
Click/double click recognition
Pedometer
Intelligent power-saving for handheld devices
Display orientation
Gaming and virtual reality input devices
Impact recognition and logging
Vibration monitoring and compensation
Description
The LSM303DLHC is a system-in-package
featuring a 3D digital linear acceleration sensor
and a 3D digital magnetic sensor.
LSM303DLHC has linear acceleration full-scales
of ±2
g / ±4g / ±8g / ±16g and a magnetic field full-
scale of ±1.3 / ±1.9 / ±2.5 / ±4.0 / ±4.7 / ±5.6 /
±8.1 gauss
. All full-scales available are fully
selectable by the user.
LSM303DLHC includes an I2C serial bus interface
that supports standard and fast mode 100 kHz
and 400kHz. The system can be configured to
generate interrupt signals by inertial wake-
up/free-fall events as well as by the position of the
device itself. Thresholds and timing of interrupt
generators are programmable by the end user on
the fly. Magnetic and accelerometer parts can be
enabled or put into power-down mode separately.
The LSM303DLHC is available in a plastic land
grid array package (LGA) and is guaranteed to
operate over an extended temperature range from
-40 °C to +85 °C.
LGA-14 (3x5x1mm)
Table 1.
Device summary
Part number
Temperature range [°C]
Package
Packing
LSM303DLHC
-40 to +85
LGA-14
Tray
LSM303DLHCTR
-40 to +85
LGA-14
Tape and reel
www.st.com


Similar Part No. - LSM303DLHCTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
579Kb / 43P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
More results

Similar Description - LSM303DLHCTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
579Kb / 43P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM9DS0 STMICROELECTRONICS-LSM9DS0 Datasheet
1Mb / 74P
iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
05-Aug-2013
ASM330LXH STMICROELECTRONICS-ASM330LXH Datasheet
1Mb / 56P
Automotive inertial module: 3D accelerometer and 3D gyroscope
23-Oct-2015
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
1Mb / 68P
Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
November 2015 Rev 5
LSM9DS1 STMICROELECTRONICS-LSM9DS1 Datasheet
1Mb / 72P
iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
12-Mar-2015
LSM303C STMICROELECTRONICS-LSM303C Datasheet
1Mb / 53P
Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
13-Jun-2014
ISM303DAC STMICROELECTRONICS-ISM303DAC Datasheet
1Mb / 80P
High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
31-Oct-2017
logo
Melexis Microelectronic...
MLX90392 MELEXIS-MLX90392 Datasheet
2Mb / 40P
3D Magnetometer
logo
STMicroelectronics
LSM303AH STMICROELECTRONICS-LSM303AH Datasheet
1Mb / 82P
Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
28-Nov-2018
logo
List of Unclassifed Man...
IST8310 ETC-IST8310 Datasheet
251Kb / 9P
3D Magnetometer
Version 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com