Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM303DLHC Datasheet(PDF) 13 Page - STMicroelectronics

Part # LSM303DLHC
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHC Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LSM303DLHC Datasheet HTML 9Page - STMicroelectronics LSM303DLHC Datasheet HTML 10Page - STMicroelectronics LSM303DLHC Datasheet HTML 11Page - STMicroelectronics LSM303DLHC Datasheet HTML 12Page - STMicroelectronics LSM303DLHC Datasheet HTML 13Page - STMicroelectronics LSM303DLHC Datasheet HTML 14Page - STMicroelectronics LSM303DLHC Datasheet HTML 15Page - STMicroelectronics LSM303DLHC Datasheet HTML 16Page - STMicroelectronics LSM303DLHC Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
LSM303DLHC
Module specifications
Doc ID 018771 Rev 1
13/42
2.5
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
c.
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both ports.
Table 7.
Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.3 to 4.8
V
Vdd_IO
I/O pins supply voltage
-0.3 to 4.8
V
Vin
Input voltage on any control pin (SCL, SDA)
-0.3 to Vdd_IO +0.3
V
APOW
Acceleration (any axis, powered, Vdd = 2.5 V)
3,000 for 0.5 ms
g
10,000 for 0.1 ms
g
AUNP
Acceleration (any axis, unpowered)
3,000 for 0.5 ms
g
10,000 for 0.1 ms
g
TOP
Operating temperature range
-40 to +85
°C
TSTG
Storage temperature range
-40 to +125
°C
This is a mechanical shock sensitive device, improper handling can cause permanent
damage to the part.
This is an ESD sensitive device, improper handling can cause permanent damage to
the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com