Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

79C940 Datasheet(PDF) 2 Page - Rochester Electronics

Part # 79C940
Description  Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

79C940 Datasheet(HTML) 2 Page - Rochester Electronics

  79C940 Datasheet HTML 1Page - Rochester Electronics 79C940 Datasheet HTML 2Page - Rochester Electronics 79C940 Datasheet HTML 3Page - Rochester Electronics 79C940 Datasheet HTML 4Page - Rochester Electronics 79C940 Datasheet HTML 5Page - Rochester Electronics 79C940 Datasheet HTML 6Page - Rochester Electronics 79C940 Datasheet HTML 7Page - Rochester Electronics 79C940 Datasheet HTML 8Page - Rochester Electronics 79C940 Datasheet HTML 9Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
79C940
Specification Number 79C940B-CI (A) Rev C
Page 2 of 13
2
Am79C940
The MACE device provides a complete Ethernet node
solution with an integrated 10BASE-T transceiver, and
supports up to 25-MHz system clocks. The MACE
device embodies the Media Access Control (MAC)
and Physical Signaling (PLS) sub-layers of the IEEE
802.3 standard, and provides an IEEE defined Attach-
ment Unit Interface (AUI) for coupling to an external
Medium Attachment Unit (MAU). The MACE device is
compliant with 10BASE2, 10BASE5, 10BASE-T, and
10BASE-F transceivers.
Additional features also enhance over-all system
design. The individual transmit and receive FIFOs
optimize system overhead, providing substantial
latency during packet transmission and reception, and
minimizing intervention during normal network error
recovery. The integrated Manchester encoder/decoder
eliminates the need for an external Serial Interface
Adapter (SIA) in the node system. If support for an
external encoding/decoding scheme is desired, the
General Purpose Serial Interface (GPSI) allows direct
access to/from the MAC. In addition, the Digital Attach-
ment Interface (DAI), which is a simplified electrical
attachment specification, allows implementation of
MAUs that do not require DC isolation between the
MAU and DTE. The DAI port can also be used to
indicate transmit, receive, or collision status by
connecting LEDs to the port. The MACE device also
provides an External Address Detection Interface
(EADI) to allow external hardware address filtering in
internet working applications.
The Am79C940 MACE chip is offered in a Plastic
Leadless Chip Carrier (84-pin PLCC), a Plastic Quad
Flat Package (100-pin PQFP), and a Thin Quad Flat
Package (TQFP 80-pin). There are several small func-
tional and physical differences between the 80-pin
TQFP and the 84-pin PLCC and 100-pin PQFP config-
urations. Because of the smaller number of pins in the
TQFP configuration versus the PLCC configuration,
four pins are not bonded out. Though the die is identical
in all three package configurations, the removal of
these four pins does cause some functionality differ-
ences between the TQFP and the PLCC and PQFP
configurations. Depending on the application, the
removal of these pins will or will not have an effect.
(See section: “Pins Removed for TQFP Package and
Their Effects.)
With the rise of embedded networking applications op-
erating in harsh environments where temperatures
may exceed the normal commercial temperature (0°C
to +70°C) window, an industrial temperature (-40°C to
+85°C) version is available in all three packages; 84-
pin PLCC, 100-pin PQFP and 80-pin TQFP. The indus-
trial temperature version of the MACE Ethernet control-
ler is characterized across the industrial temperature
range (-40°C to +85°C) within the published power
supply specification (4.75 V to 5.25 V; i.e., ±5% VCC).
Thus, conformance of MACE performance over this
temperature range is guaranteed by the design and
characterization monitor.
TABLE 5
SPECIFICATION NUMBER: 79C940-CI (A) REV -
Page 2 of 13
2
Am79C940
The MACE device provides a complete Ethernet node
solution with an integrated 10BASE-T transceiver, and
supports up to 25-MHz system clocks. The MACE
device embodies the Media Access Control (MAC)
and Physical Signaling (PLS) sub-layers of the IEEE
802.3 standard, and provides an IEEE defined Attach-
ment Unit Interface (AUI) for coupling to an external
Medium Attachment Unit (MAU). The MACE device is
compliant with 10BASE2, 10BASE5, 10BASE-T, and
10BASE-F transceivers.
Additional features also enhance over-all system
design. The individual transmit and receive FIFOs
optimize system overhead, providing substantial
latency during packet transmission and reception, and
minimizing intervention during normal network error
recovery. The integrated Manchester encoder/decoder
eliminates the need for an external Serial Interface
Adapter (SIA) in the node system. If support for an
external encoding/decoding scheme is desired, the
General Purpose Serial Interface (GPSI) allows direct
access to/from the MAC. In addition, the Digital Attach-
ment Interface (DAI), which is a simplified electrical
attachment specification, allows implementation of
MAUs that do not require DC isolation between the
MAU and DTE. The DAI port can also be used to
indicate transmit, receive, or collision status by
connecting LEDs to the port. The MACE device also
provides an External Address Detection Interface
(EADI) to allow external hardware address filtering in
internet working applications.
The Am79C940 MACE chip is offered in a Plastic
Leadless Chip Carrier (84-pin PLCC), a Plastic Quad
Flat Package (100-pin PQFP), and a Thin Quad Flat
Package (TQFP 80-pin). There are several small func-
tional and physical differences between the 80-pin
TQFP and the 84-pin PLCC and 100-pin PQFP config-
urations. Because of the smaller number of pins in the
TQFP configuration versus the PLCC configuration,
four pins are not bonded out. Though the die is identical
in all three package configurations, the removal of
these four pins does cause some functionality differ-
ences between the TQFP and the PLCC and PQFP
configurations. Depending on the application, the
removal of these pins will or will not have an effect.
(See section: “Pins Removed for TQFP Package and
Their Effects.)
With the rise of embedded networking applications op-
erating in harsh environments where temperatures
may exceed the normal commercial temperature (0°C
to +70°C) window, an industrial temperature (-40°C to
+85°C) version is available in all three packages; 84-
pin PLCC, 100-pin PQFP and 80-pin TQFP. The indus-
trial temperature version of the MACE Ethernet control-
ler is characterized across the industrial temperature
range (-40°C to +85°C) within the published power
supply specification (4.75 V to 5.25 V; i.e., ±5% VCC).
Thus, conformance of MACE performance over this
temperature range is guaranteed by the design and
characterization monitor.
TABLE 5
SPECIFICATION NUMBER: 79C940-CI (A) REV -
Page 2 of 13
FINAL
Publication#
16235 Rev: E Amendment/0
Issue Date:
May 2000
Am79C940
Media Access Controller for Ethernet (MACE™)
DISTINCTIVE CHARACTERISTICS
Integrated Controller with Manchester
encoder/decoder and 10BASE-T transceiver
and AUI port
Supports IEEE 802.3/ANSI 8802-3 and Ethernet
standards
84-pin PLCC and 100-pin PQFP Packages
80-pin Thin Quad Flat Pack (TQFP) package
available for space critical applications such as
PCMCIA
Modular architecture allows easy tuning to
specific applications
High speed, 16-bit synchronous host system
interface with 2 or 3 cycles/transfer
Individual transmit (136 byte) and receive (128
byte) FlFOs provide increase of system latency
and support the following features:
— Automatic retransmission with no FIFO
reload
— Automatic receive stripping and transmit
padding (individually programmable)
— Automatic runt packet rejection
— Automatic deletion of collision frames
— Automatic retransmission with no FIFO
reload
Direct slave access to all on board
configuration/status registers and transmit/
receive FlFOs
Direct FIFO read/write access for simple
interface to DMA controllers or l/O processors
Arbitrary byte alignment and little/big endian
memory interface supported
Internal/external loopback capabilities
External Address Detection Interface (EADI)
for external hardware address filtering in
bridge/router applications
JTAG Boundary Scan (IEEE 1149.1) test access
port interface for board level production test
Integrated Manchester Encoder/Decoder
Digital Attachment Interface (DAI) allows
by-passing of differential Attachment Unit
Interface (AUI)
Supports the following types of network
interface:
— AUI to external 10BASE2, 10BASE5 or
10BASE-F MAU
— DAI port to external 10BASE2, 10BASE5,
10BASE-T, 10BASE-F MAU
— General Purpose Serial Interface (GPSI) to
external encoding/decoding scheme
— Internal 10BASE-T transceiver with
automatic selection of 10BASE-T or AUI port
Sleep mode allows reduced power consump-
tion for critical battery powered applications
5 MHz-25 MHz system clock speed
Support for operation in industrial temperature
range (–40°C to +85°C) available in all three
packages
GENERAL DESCRIPTION
The Media Access Controller for Ethernet (MACE) chip
is a CMOS VLSI device designed to provide flexibility
in customized LAN design. The MACE device is specif-
ically designed to address applications where multiple
I/O peripherals are present, and a centralized or sys-
tem specific DMA is required. The high speed, 16-bit
synchronous system interface is optimized for an exter-
nal DMA or I/O processor system, and is similar to
many existing peripheral devices, such as SCSI and
serial link controllers.
The MACE device is a slave register based peripheral.
All transfers to and from the system are performed
using simple memory or I/O read and write commands.
In conjunction with a user defined DMA engine, the
MACE chip provides an IEEE 802.3 interface tailored
to a specific application. Its superior modular architec-
ture and versatile system interface allow the MACE
device to be configured as a stand-alone device or
as a connectivity cell incorporated into a larger,
integrated system.
TABLE 5
SPECIFICATION NUMBER: 79C940-CI (A) REV -
Page 1 of 13
FINAL
Publication#
16235 Rev: E Amendment/0
Issue Date:
May 2000
Am79C940
Media Access Controller for Ethernet (MACE™)
DISTINCTIVE CHARACTERISTICS
Integrated Controller with Manchester
encoder/decoder and 10BASE-T transceiver
and AUI port
Supports IEEE 802.3/ANSI 8802-3 and Ethernet
standards
84-pin PLCC and 100-pin PQFP Packages
80-pin Thin Quad Flat Pack (TQFP) package
available for space critical applications such as
PCMCIA
Modular architecture allows easy tuning to
specific applications
High speed, 16-bit synchronous host system
interface with 2 or 3 cycles/transfer
Individual transmit (136 byte) and receive (128
byte) FlFOs provide increase of system latency
and support the following features:
— Automatic retransmission with no FIFO
reload
— Automatic receive stripping and transmit
padding (individually programmable)
— Automatic runt packet rejection
— Automatic deletion of collision frames
— Automatic retransmission with no FIFO
reload
Direct slave access to all on board
configuration/status registers and transmit/
receive FlFOs
Direct FIFO read/write access for simple
interface to DMA controllers or l/O processors
Arbitrary byte alignment and little/big endian
memory interface supported
Internal/external loopback capabilities
External Address Detection Interface (EADI)
for external hardware address filtering in
bridge/router applications
JTAG Boundary Scan (IEEE 1149.1) test access
port interface for board level production test
Integrated Manchester Encoder/Decoder
Digital Attachment Interface (DAI) allows
by-passing of differential Attachment Unit
Interface (AUI)
Supports the following types of network
interface:
— AUI to external 10BASE2, 10BASE5 or
10BASE-F MAU
— DAI port to external 10BASE2, 10BASE5,
10BASE-T, 10BASE-F MAU
— General Purpose Serial Interface (GPSI) to
external encoding/decoding scheme
— Internal 10BASE-T transceiver with
automatic selection of 10BASE-T or AUI port
Sleep mode allows reduced power consump-
tion for critical battery powered applications
5 MHz-25 MHz system clock speed
Support for operation in industrial temperature
range (–40°C to +85°C) available in all three
packages
GENERAL DESCRIPTION
The Media Access Controller for Ethernet (MACE) chip
is a CMOS VLSI device designed to provide flexibility
in customized LAN design. The MACE device is specif-
ically designed to address applications where multiple
I/O peripherals are present, and a centralized or sys-
tem specific DMA is required. The high speed, 16-bit
synchronous system interface is optimized for an exter-
nal DMA or I/O processor system, and is similar to
many existing peripheral devices, such as SCSI and
serial link controllers.
The MACE device is a slave register based peripheral.
All transfers to and from the system are performed
using simple memory or I/O read and write commands.
In conjunction with a user defined DMA engine, the
MACE chip provides an IEEE 802.3 interface tailored
to a specific application. Its superior modular architec-
ture and versatile system interface allow the MACE
device to be configured as a stand-alone device or
as a connectivity cell incorporated into a larger,
integrated system.
TABLE 5
SPECIFICATION NUMBER: 79C940-CI (A) REV -
Page 1 of 13
The 79C940 MACE chip is offered in a Plastic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com