Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Am79C940B-16JC Datasheet(PDF) 13 Page - Rochester Electronics

Part # Am79C940B-16JC
Description  Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

Am79C940B-16JC Datasheet(HTML) 13 Page - Rochester Electronics

Back Button Am79C940B-16JC Datasheet HTML 5Page - Rochester Electronics Am79C940B-16JC Datasheet HTML 6Page - Rochester Electronics Am79C940B-16JC Datasheet HTML 7Page - Rochester Electronics Am79C940B-16JC Datasheet HTML 8Page - Rochester Electronics Am79C940B-16JC Datasheet HTML 9Page - Rochester Electronics Am79C940B-16JC Datasheet HTML 10Page - Rochester Electronics Am79C940B-16JC Datasheet HTML 11Page - Rochester Electronics Am79C940B-16JC Datasheet HTML 12Page - Rochester Electronics Am79C940B-16JC Datasheet HTML 13Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
79C940
Specification Number 79C940B-CI (A) Rev C
Page 13 of 13
96
AC CHARACTERISTICS (continued)
Note:
1. Not tested but data available upon request.
No.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
IEEE 1149.1 Timing
109
tTCLK
TCK Period, 50% duty cycle (+5%)
100
110
tsu1
TMS setup to TCK↑
8
111
tsu2
TDI setup to TCK↑
5
112
thd1
TMS hold time from TCK↑
5
113
thd2
TDI hold time from TCK↑
10
114
td1
TCK↓ delay to TDO
30
115
td2
TCK↓ delay to SYSTEM OUTPUT
35
10BASE–T Transmit Timing
Min
Max
125
tTETD
Transmit Start of Idle
250
350
126
tTR
Transmitter Rise Time
(10% to 90%)
5.5
127
tTF
Transmitter Fall Time
(90% to 10%)
5.5
128
tTM
Transmitter Rise and Fall Time Mismatch
1
129
tXMTON
XMT# Asserted Delay
100
130
tXMTOFF
XMT# De-asserted Delay
TBD
TBD
131
tPERLP
Idle Signal Period
8
24
132
tPWLP
Idle Link Pulse Width
(Note 1)
75
120
133
tPWPLP
Predistortion Idle Link Pulse Width
(Note 1)
45
55
134
tJA
Transmit Jabber Activation Time
20
150
135
tJR
Transmit Jabber Reset Time
250
750
136
tJREC
Transmit Jabber Recovery Time (Minimum
Time Gap Between Transmitted Packets to
Prevent Jabber Activation)
1.0
10BASE–T Receive Timing
140
tPWNRD
RXD Pulse Width Not to Turn Off Internal
Carrier Sense
VIN > VTHS
(min)
136
–
141
tPWROFF
RXD Pulse Width to Turn Off VIN> VTHS
(min)
200
142
tRETD
Receive Start of Idle
200
143
tRCVON
RCV# Asserted Delay
tRON – 50
tRON – 100
144
tRCVOFF
RCV# De-asserted Delay
TBD
TBD
TABLE 5
SPECIFICATION NUMBER: 79C940-CI (A) REV -
Page 13 of 13
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com