Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM74HC123ASJ Datasheet(PDF) 4 Page - Rochester Electronics

Part # MM74HC123ASJ
Description  Dual Retriggerable Monostable Multivibrator Typical propagation delay: 25 ns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

MM74HC123ASJ Datasheet(HTML) 4 Page - Rochester Electronics

  MM74HC123ASJ Datasheet HTML 1Page - Rochester Electronics MM74HC123ASJ Datasheet HTML 2Page - Rochester Electronics MM74HC123ASJ Datasheet HTML 3Page - Rochester Electronics MM74HC123ASJ Datasheet HTML 4Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
74HC123A
Specification Number 74HC123-I (F) Rev C
Page 4 of 4
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 15 pF, tr = tf = 6 ns
AC Electrical Characteristics
CL = 50 pF tr = tf = 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC2 f + ICC VCC, and the no load dynamic current consumption,
IS = CPD VCC f + ICC.
Symbol
Parameter
Conditions
Typ
Limit
Units
tPLH
Maximum Trigger Propagation Delay
22
33
ns
A, B or Clear to Q
tPHL
Maximum Trigger Propagation Delay
25
42
ns
A, B or Clear to Q
tPHL
Maximum Propagation Delay, Clear to Q
20
27
ns
tPLH
Maximum Propagation Delay, Clear to Q
22
33
ns
tW
Minimum Pulse Width, A, B or Clear
14
26
ns
tREM
Minimum Clear Removal Time
0
ns
tWQ(MIN)
Minimum Output Pulse Width
CEXT = 28 pF
400
ns
REXT = 2 kΩ
tWQ
Output Pulse Width
CEXT = 1000 pF
10
µs
REXT = 10 kΩ
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
tPLH
Maximum Trigger Propagation
2.0V
77
169
194
210
ns
Delay, A, B or Clear to Q
4.5V
26
42
51
57
ns
6.0V
21
32
39
44
ns
tPHL
Maximum Trigger Propagation
2.0V
88
197
229
250
ns
Delay, A, B or Clear to Q
4.5V
29
48
60
67
ns
6.0V
24
38
46
51
ns
tPHL
Maximum Propagation Delay
2.0V
54
114
132
143
ns
Clear to Q
4.5V
23
34
41
45
ns
6.0V
19
28
33
36
ns
tPLH
Maximum Propagation Delay
2.0V
56
116
135
147
ns
Clear to Q
4.5V
25
36
42
46
ns
6.0V
20
29
34
37
ns
tW
Minimum Pulse Width
2.0V
57
123
144
157
ns
A, B, Clear
4.5V
17
30
37
42
ns
6.0V
12
21
27
30
ns
tREM
Minimum Clear
2.0V
0
0
0
ns
Removal Time
4.5V
0
0
0
ns
6.0V
0
0
0
ns
tTLH, tTHL Maximum Output
2.0V
30
75
95
110
ns
Rise and Fall Time
4.5V
8
15
19
22
ns
6.0V
7
13
16
19
ns
tWQ(MIN) Minimum Output
CEXT = 28 pF
2.0V
1.5
µs
Pulse Width
REXT = 2 kΩ
4.5V
450
ns
REXT = 6 kΩ (VCC = 2V)
6.0V
380
ns
tWQ
Output Pulse Width
CEXT = 0.1 µF
Min
5.0V
1
0.9
0.86
0.85
ms
REXT = 10 kΩ
Max
5.0V
1
1.1
1.14
1.15
ms
CIN
Maximum Input
12
20
20
20
pF
Capacitance (Pins 7 & 15)
CIN
Maximum Input
6
10
10
10
pF
Capacitance (other inputs)
CPD
Power Dissipation
(Note 5)
70
pF
Capacitance
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com