Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ32GA004 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC24FJ32GA004
Description  PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ32GA004 Datasheet(HTML) 4 Page - Microchip Technology

  PIC24FJ32GA004 Datasheet HTML 1Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 2Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 3Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 4Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 5Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 6Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 7Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 8Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
PIC24FJ64GA004 FAMILY
DS80000470H-page 4
 2009-2013 Microchip Technology Inc.
SPI
Master
mode
46.
Spurious transmission and reception of null
data on wake-up from Sleep (Master mode).
XX
XX
SPI
Master
mode
47.
Inaccurate SPITBF flag with high clock
divider.
XX
X
SPI
Framed
modes
48.
Framed SPIx modes not supported.
X
X
X
X
Core
Data SRAM
49.
Higher current consumption during SRAM
operations.
XX
I/O Ports
PORTA and
PORTB
50.
Some I/O pin functions do not work correctly
under certain conditions
XX
XX
A/D
Converter
—
51.
Once the A/D module is enabled, it may
continue to draw extra current
XX
XX
UART
TX Interrupt
52.
A TX Interrupt may occur before the data
transmission is complete.
XX
X
I2CSMBus
53.
I2C1 may not function when I2C2 is in
SMBus mode.
XX
XX
TABLE 2:
SILICON ISSUE SUMMARY (CONTINUED)
Module
Feature
Item
Number
Issue Summary
Affected Revisions(1)
A3/A4
B4
B5
B8
Note 1:
Only those issues indicated in the last column apply to the current silicon revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com