Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP10NM50N Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP10NM50N
Description  N-channel 500 V, 0.53 Ω, 7 A DPAK, TO-220FP, TO-220 MDmesh™II Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NM50N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP10NM50N Datasheet HTML 3Page - STMicroelectronics STP10NM50N Datasheet HTML 4Page - STMicroelectronics STP10NM50N Datasheet HTML 5Page - STMicroelectronics STP10NM50N Datasheet HTML 6Page - STMicroelectronics STP10NM50N Datasheet HTML 7Page - STMicroelectronics STP10NM50N Datasheet HTML 8Page - STMicroelectronics STP10NM50N Datasheet HTML 9Page - STMicroelectronics STP10NM50N Datasheet HTML 10Page - STMicroelectronics STP10NM50N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STD10NM50N, STF10NM50N, STP10NM50N
Electrical characteristics
Doc ID 16929 Rev 3
7/18
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Static drain-source on resistance
Figure 12.
Capacitance variations
Figure 13.
Output capacitance stored energy
ID
6
4
2
0
0
10
VDS(V)
20
(A)
5
15
25
8
10
5V
6V
VGS=10V
30
12
AM08152v1
ID
6
4
2
0
0
4
VGS(V)
8
(A)
2
6
10
8
10
12
VDS=20V
AM08153v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDD=400V
ID=7A
25
12
300
200
100
0
400
VDS
50
150
250
350
450
AM08154v1
RDS(on)
0.53
0.52
0.51
0.50
0
4
ID(A)
(
Ω)
2
6
0.54
0.55
VGS=10V
AM08155v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM08156v1
Eoss
6
4
2
0
0
100
VDS(V)
(µJ)
400
8
200 300
10
12
500
600
14
16
AM08157v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com