Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7694ARMRL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7694ARMRL7
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7694ARMRL7 Datasheet(HTML) 1 Page - Analog Devices

  AD7694ARMRL7 Datasheet HTML 1Page - Analog Devices AD7694ARMRL7 Datasheet HTML 2Page - Analog Devices AD7694ARMRL7 Datasheet HTML 3Page - Analog Devices AD7694ARMRL7 Datasheet HTML 4Page - Analog Devices AD7694ARMRL7 Datasheet HTML 5Page - Analog Devices AD7694ARMRL7 Datasheet HTML 6Page - Analog Devices AD7694ARMRL7 Datasheet HTML 7Page - Analog Devices AD7694ARMRL7 Datasheet HTML 8Page - Analog Devices AD7694ARMRL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
16-Bit, 250 kSPS PulSAR® ADC in MSOP
AD7694
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
16-bit resolution with no missing codes
Throughput: 250 kSPS @ 5 V
INL: ±4 LSB max
S/(N + D): 92 dB @ 20 kHz
THD: –106 dB @ 20 kHz
Pseudo-differential analog input range:
0 V to VREF with VREF up to VDD
No pipeline delay
Single-supply operation: 2.7 V or 5 V
Serial interface SPI®/QSPI™/MICROWIRE™/DSP-compatible
Supply Current: 540 μA @ 2.7 V/100 kSPS,
800 μA @ 5 V/100 kSPS
Standby current: 1 nA
8-lead MSOP package
Improved second source to LTC1864 and LTC1864L
APPLICATIONS
Battery-powered equipment
Data acquisition
Instrumentation
Medical instruments
Process control
GENERAL DESCRIPTION
The AD7694 is a 16-bit, charge redistribution, successive
approximation, PulSAR analog-to-digital converter (ADC) that
operates from a single power supply, VDD, between 2.7 V to
5.25 V. It contains a low power, high speed, 16-bit sampling
ADC with no missing codes (B grade), an internal conversion
clock, and a serial, SPI-compatible interface port. The part also
contains a low noise, wide bandwidth, short aperture delay
track-and-hold circuit. On the CNV rising edge, it samples an
analog input, IN+, between 0 V to REF with respect to a ground
sense, IN−. The reference voltage, REF, is applied externally and
can be set up to the supply voltage.
Its power scales linearly with throughput.
The AD7694 is housed in an 8-lead MSOP package with an
operating temperature specified from −40°C to +85°C.
APPLICATION DIAGRAM
AD7694
REF
GND
VDD
IN+
IN–
SCK
SDO
CNV
3-WIRE SPI
INTERFACE
1V TO VDD
2.5V TO 5V
0 TO VREF
Figure 1.
Table 1. MSOP, LFCSP (QFN)/SOT-23, 16-Bit PulSAR ADC
Type
100 kSPS
250 kSPS
500 kSPS
True Differential
AD7684
AD7687
AD7688
Pseudo
AD7683
AD7685
AD7686
Differential/Unipolar
AD7694
Unipolar
AD7680


Similar Part No. - AD7694ARMRL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7694ARMRL7 AD-AD7694ARMRL7 Datasheet
448Kb / 16P
16-Bit, 250 kSPS PulSAR ADC in MSOP
7/04-Revision 0
AD7694ARMRL7 AD-AD7694ARMRL7 Datasheet
348Kb / 16P
16-Bit, 250 kSPS PulSAR짰 ADC in MSOP
REV. A
More results

Similar Description - AD7694ARMRL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7683 AD-AD7683 Datasheet
467Kb / 16P
16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
AD7694 AD-AD7694 Datasheet
448Kb / 16P
16-Bit, 250 kSPS PulSAR ADC in MSOP
7/04-Revision 0
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685ARMZ AD-AD7685ARMZ Datasheet
484Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7694ARMZ AD-AD7694ARMZ Datasheet
348Kb / 16P
16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7684 AD-AD7684_17 Datasheet
334Kb / 17P
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
10/07-Rev. 0 to Rev. A
AD7685 AD-AD7685 Datasheet
542Kb / 29P
16-Bit, 250 kSPS PulSAR ADC in MSOP
7/14- Rev. C to Rev. D
AD7686 AD-AD7686 Datasheet
566Kb / 29P
16-Bit, 500 kSPS PulSAR ADC in MSOP
8/14- Rev. B to Rev. C
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
16-Bit, 250 kSPS PulSAR ADC in MSOP
6/14- Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com