Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7887ARZ2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7887ARZ2
Description  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7887ARZ2 Datasheet(HTML) 2 Page - Analog Devices

  AD7887ARZ2 Datasheet HTML 1Page - Analog Devices AD7887ARZ2 Datasheet HTML 2Page - Analog Devices AD7887ARZ2 Datasheet HTML 3Page - Analog Devices AD7887ARZ2 Datasheet HTML 4Page - Analog Devices AD7887ARZ2 Datasheet HTML 5Page - Analog Devices AD7887ARZ2 Datasheet HTML 6Page - Analog Devices AD7887ARZ2 Datasheet HTML 7Page - Analog Devices AD7887ARZ2 Datasheet HTML 8Page - Analog Devices AD7887ARZ2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD7887
Rev. D | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Timing Specifications .................................................................. 5
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configurations and Function Descriptions ........................... 7
 
Typical Performance Characteristics ............................................. 8
 
Terminology ...................................................................................... 9
 
Control Register.............................................................................. 10
 
Theory of Operation ...................................................................... 11
 
Circuit Information.................................................................... 11
 
Converter Operation.................................................................. 11
 
ADC Transfer Function............................................................. 11
 
Typical Connection Diagram ................................................... 11
 
Analog Input ............................................................................... 12
 
Power-Down Options ................................................................ 13
 
Power vs. Throughput Rate....................................................... 13
 
Modes of Operation ................................................................... 13
 
Serial Interface ............................................................................ 17
 
Microprocessor Interfacing....................................................... 18
 
Application Hints ....................................................................... 20
 
Outline Dimensions ....................................................................... 21
 
Ordering Guide .......................................................................... 21
 
REVISION HISTORY
2/09—Rev.
C to Rev. D
Changes to Ordering Guide .......................................................... 21
9/06—Rev. B to Rev. C
Updated Format..................................................................Universal
Change to Absolute Maximum Ratings......................................... 6
Additions to Pin Configurations .................................................... 7
Added Table 7.................................................................................. 18
Updated Outline Dimensions ....................................................... 21
Changes to Ordering Guide .......................................................... 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com