Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADM1069ACPZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADM1069ACPZ
Description  Super Sequencer with Margining Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1069ACPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADM1069ACPZ Datasheet HTML 18Page - Analog Devices ADM1069ACPZ Datasheet HTML 19Page - Analog Devices ADM1069ACPZ Datasheet HTML 20Page - Analog Devices ADM1069ACPZ Datasheet HTML 21Page - Analog Devices ADM1069ACPZ Datasheet HTML 22Page - Analog Devices ADM1069ACPZ Datasheet HTML 23Page - Analog Devices ADM1069ACPZ Datasheet HTML 24Page - Analog Devices ADM1069ACPZ Datasheet HTML 25Page - Analog Devices ADM1069ACPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADM1069
Rev. C | Page 22 of 32
OUTPUT
DC-TO-DC
CONVERTER
FEEDBACK
GND
ATTENUATION
RESISTOR
PCB
TRACE NOISE
DECOUPLING
CAPACITOR
VH/VPx/VXx
ADM1069
DACx
MUX
ADC
DAC
DEVICE
CONTROLLER
(SMBus)
MICROCONTROLLER
VIN
Figure 33. Closed-Loop Margining System Using the ADM1069
WRITING TO THE DACS
Four DAC ranges are offered. They can be placed with midcode
(Code 0x7F) at 0.6 V, 0.8 V, 1.0 V, and 1.25 V. These voltages are
placed to correspond to the most common feedback voltages.
Centering the DAC outputs in this way provides the best use of
the DAC resolution. For most supplies, it is possible to place the
DAC midcode at the point where the dc-to-dc converter output
is not modified, thereby giving half of the DAC range to margin
up and the other half to margin down.
The DAC output voltage is set by the code written to the DACx
register. The voltage is linear with the unsigned binary number
in this register. Code 0x7F is placed at the midcode voltage, as
described previously. The output voltage is given by
DAC Output = (DACx − 0x7F)/255 × 0.6015 + VOFF
where VOFF is one of the four offset voltages.
There are 256 DAC settings available. The midcode value is
located at DAC Code 0x7F, as close as possible to the middle
of the 256 code range. The full output swing of the DACs is
+302 mV (+128 codes) and −300 mV (−127 codes) around the
selected midcode voltage. The voltage range for each midcode
voltage is shown in Table 10.
Table 10. Ranges for Midcode Voltages
Midcode
Voltage (V)
Minimum Voltage
Output (V)
Maximum Voltage
Output (V)
0.6
0.300
0.902
0.8
0.500
1.102
1.0
0.700
1.302
1.25
0.950
1.552
CHOOSING THE SIZE OF THE ATTENUATION
RESISTOR
The size of the attenuation resistor, R3, determines how much
the DAC voltage swing affects the output voltage of the dc-to-dc
converter that is being margined (see Figure 33).
Because the voltage at the feedback pin remains constant, the
current flowing from the feedback node to GND through R2 is
a constant. In addition, the feedback node itself is high impedance.
This means that the current flowing through R1 is the same as
the current flowing through R3. Therefore, a direct relationship
exists between the extra voltage drop across R1 during margining
and the voltage drop across R3.
This relationship is given by the following equation:
ΔVOUT =
R3
R1
(VFB − VDACOUT)
where:
ΔVOUT is the change in VOUT.
VFB is the voltage at the feedback node of the dc-to-dc converter.
VDACOUT is the voltage output of the margining DAC.
This equation demonstrates that if the user wants the output
voltage to change by ±300 mV, then R1 = R3. If the user wants
the output voltage to change by ±600 mV, R1 = 2 × R3, and so on.
It is best to use the full DAC output range to margin a supply.
Choosing the attenuation resistor in this way provides the most
resolution from the DAC, meaning that with one DAC code
change, the smallest effect on the dc-to-dc converter output
voltage is induced. If the resistor is sized up to use a code such
as 27 decimal to 227 decimal to move the dc-to-dc converter
output by ±5%, it takes 100 codes to move 5% (each code moves
the output by 0.05%). This is beyond the readback accuracy of
the ADC, but it should not prevent the user from building a
circuit to use the most resolution.
DAC LIMITING AND OTHER SAFETY FEATURES
Limit registers (called DPLIMx and DNLIMx) on the device
offer the user some protection from firmware bugs that can
cause catastrophic board problems by forcing supplies beyond
their allowable output ranges. Essentially, the DAC code written
into the DACx register is clipped such that the code used to set
the DAC voltage is given by
DAC Code
= DACx, DACx ≥ DNLIMx and DACx ≤ DPLIMx
= DNLIMx,
DACx < DNLIMx
= DPLIMx,
DACx > DPLIMx
In addition, the DAC output buffer is three-stated if DNLIMx >
DPLIMx. By programming the limit registers this way, the user
can make it very difficult for the DAC output buffers to be turned
on during normal system operation. The limit registers are among
the registers downloaded from EEPROM at startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com