Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN5E160STR-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VN5E160STR-E
Description  Single channel high side driver for automotive applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E160STR-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VN5E160STR-E Datasheet HTML 17Page - STMicroelectronics VN5E160STR-E Datasheet HTML 18Page - STMicroelectronics VN5E160STR-E Datasheet HTML 19Page - STMicroelectronics VN5E160STR-E Datasheet HTML 20Page - STMicroelectronics VN5E160STR-E Datasheet HTML 21Page - STMicroelectronics VN5E160STR-E Datasheet HTML 22Page - STMicroelectronics VN5E160STR-E Datasheet HTML 23Page - STMicroelectronics VN5E160STR-E Datasheet HTML 24Page - STMicroelectronics VN5E160STR-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
VN5E160S-E
Electrical specifications
21/34
Figure 27. Undervoltage shutdown
Figure 28. Turn-Off voltage slope
Figure 29. STAT_DIS clamp voltage
Figure 30. High level STAT_DIS voltage
Figure 31. Low level STAT_DIS voltage
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
1
2
3
4
5
6
7
Vusd (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
400
600
800
1000
1200
1400
(dVout/dt )Off (V/ms)
Vcc=13V
RI= 13 Ohm
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
3
4
5
6
7
8
9
10
Vsdcl(V)
Isd = 1 mA
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0,5
1
1,5
2
2,5
3
VsdH(V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0,5
1
1,5
2
2,5
3
VsdL(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com