Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN380SP13TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN380SP13TR
Description  SMART SOLENOID DRIVER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN380SP13TR Datasheet(HTML) 2 Page - STMicroelectronics

  VN380SP13TR Datasheet HTML 1Page - STMicroelectronics VN380SP13TR Datasheet HTML 2Page - STMicroelectronics VN380SP13TR Datasheet HTML 3Page - STMicroelectronics VN380SP13TR Datasheet HTML 4Page - STMicroelectronics VN380SP13TR Datasheet HTML 5Page - STMicroelectronics VN380SP13TR Datasheet HTML 6Page - STMicroelectronics VN380SP13TR Datasheet HTML 7Page - STMicroelectronics VN380SP13TR Datasheet HTML 8Page - STMicroelectronics VN380SP13TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ABSOLUTE MAXIMUM RATING
Symb ol
Parameter
Value
Uni t
Vlo ad
Maximum DC Load Voltage
(Int ernally clamped)
V
Ilo ad
Maximum DC Load Current
(Int ernally clamped)
A
Irload
Reverse Load Current, Tcas e
= 25 oC-10
A
Ec
Maximum Clamping Energy, Tcase
= 150 oC, f = 40 Hz,
1000 hours (f : I nput A frequency)
100
mJ
Ec
Maximum Clamping Energy, Tcase
= -40 oC,f= 75 Hz ,
5 minutes (f : Input A f requency)
200
mJ
Iin
Inputs Current
+/- 10
mA
Idiag
Diagnost ic O utput Current
+/- 10
mA
Vesd
Electrostatic Discharge (R = 1.5 k
Ω, C = 100 pF, all pins)
2000
V
Vpwr1
Power Voltage 1
60
V
Vpwr2
Power Voltage 2
60
V
RVpwr
Reverse Power Voltage
-0. 3
V
Tj
Junct ion Operating Temperature
-40 to 150 (h)
oC
Tstg
St orage Temperature
-55 t o 150
oC
Vin
Input Voltages
8
V
Vdiag
Diagnost ic O utput Voltage
8
V
Cload
Load Capacity
1
µF
Note (h) : Higher temperature is allowed during a short time
before thermal shutdown. Permanent operation above
oC 150 is
not allowed.
CURRENT AND VOLTAGE CONVENTIONS
CONNECTION DIAGRAM
HEPTAWATT
PowerSO-10
VN380
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com