Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC2934IPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC2934IPWR
Description  3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2934IPWR Datasheet(HTML) 3 Page - Texas Instruments

  TLC2934IPWR Datasheet HTML 1Page - Texas Instruments TLC2934IPWR Datasheet HTML 2Page - Texas Instruments TLC2934IPWR Datasheet HTML 3Page - Texas Instruments TLC2934IPWR Datasheet HTML 4Page - Texas Instruments TLC2934IPWR Datasheet HTML 5Page - Texas Instruments TLC2934IPWR Datasheet HTML 6Page - Texas Instruments TLC2934IPWR Datasheet HTML 7Page - Texas Instruments TLC2934IPWR Datasheet HTML 8Page - Texas Instruments TLC2934IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TLC2934
3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
SLAS306 – NOVEMBER 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
TYP
MAX
UNIT
Supply voltage (each supply, VDD (see Notes 3 and 4)
3.15
3.3
3.45
V
Input voltage (each input except for VCO IN, VI
0
VDD
V
Output current (each output), IO
0
±2
mA
VCO control voltage, VCO IN
0.5
VDD
V
RBIAS = 1 kΩ
36
130
MHz
Lock frequency (through output)
RBIAS = 1.8 kΩ
28
90
Lock frequency (through output)
RBIAS = 2.4 kΩ
26
80
RBIAS = 3.3 kΩ
20
60
RBIAS = 1 kΩ
18
65
MHz
Lock frequency (1/2 output)
RBIAS = 1.8 kΩ
14
45
Lock frequency (1/2 output)
RBIAS = 2.4 kΩ
13
40
RBIAS = 3.3 kΩ
10
30
Bias resistor, RBIAS
1.0
3.3
K
Ω
Operating temperature range, TA
–20
75
_C
VCO IN voltage at VCO INHIBIT↓, V(CINH) (see Note 5)
0
0.5
V
NOTES:
3. It is recommended that the logic supply terminal (LOGIC VDD) and the VCO supply terminal (VCO VDD) be at the same voltage and
separated from each other.
4. A bypass capacitor is placed as close as possible to each supply terminal.
5. For stable restart of VCO, VCOIN is 0 V when VCO INHIBIT is pulled down to GND level to disable the VCO INHIBIT function. And
also, VCO IN should be 0 V when the operation will be started by supplying the power.
electrical characteristics over recommended operating free-air temperature range, VDD=3.3 V
(unless otherwise noted)
VCO
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –2 mA
3.1
V
VOL
Low-level output voltage
IOL= 2 mA
0.2
V
VIH
High-level input voltage
Logic signal input
2.3
V
VIL
Low-level input voltage
Logic signal input
1.0
V
II
Input current at TEST, VCO INHIBIT
VI = VDD or GND
±1
µA
ZV(CO IN)
Input impedance at VCOIN
VCOIN = 1/2 VDD
10
M
Ω
IDD(INH)
VCO supply current (inhibit)
See Note 6
0.01
1
µA
IDD(VCO)
VCO supply current
See Note 7
10
15
mA
NOTES:
6. Current into VCO VDD, when VCO INHIBIT = VDD, PFD is inhibited.
7. Current into VCO VDD, when VCOIN = 1/2 VDD, RBIAS = 1 kΩ, VCO INHIBIT = GND, PFD is inhibited.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com