Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSAM3N1CB-CU Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATSAM3N1CB-CU
Description  ARM-based Flash MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3N1CB-CU Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATSAM3N1CB-CU Datasheet HTML 28Page - ATMEL Corporation ATSAM3N1CB-CU Datasheet HTML 29Page - ATMEL Corporation ATSAM3N1CB-CU Datasheet HTML 30Page - ATMEL Corporation ATSAM3N1CB-CU Datasheet HTML 31Page - ATMEL Corporation ATSAM3N1CB-CU Datasheet HTML 32Page - ATMEL Corporation ATSAM3N1CB-CU Datasheet HTML 33Page - ATMEL Corporation ATSAM3N1CB-CU Datasheet HTML 34Page - ATMEL Corporation ATSAM3N1CB-CU Datasheet HTML 35Page - ATMEL Corporation ATSAM3N1CB-CU Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
32
11011BS–ATARM–22-Feb-12
SAM3N Summary
9.1.3.4
Flash Speed
The user needs to set the number of wait states depending on the frequency used.
For more details, refer to the AC Characteristics sub section in the product Electrical Character-
istics Section.
9.1.3.5
Lock Regions
Several lock bits used to protect write and erase operations on lock regions. A lock region is
composed of several consecutive pages, and each lock region has its associated lock bit.
If a locked-region’s erase or program command occurs, the command is aborted and the EEFC
triggers an interrupt.
The lock bits are software programmable through the EEFC User Interface. The command “Set
Lock Bit” enables the protection. The command “Clear Lock Bit” unlocks the lock region.
Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash.
9.1.3.6
Security Bit Feature
The SAM3N features a security bit, based on a specific General Purpose NVM bit (GPNVM bit
0). When the security is enabled, any access to the Flash, either through the ICE interface or
through the Fast Flash Programming Interface, is forbidden. This ensures the confidentiality of
the code programmed in the Flash.
This security bit can only be enabled, through the command “Set General Purpose NVM Bit 0” of
the EEFC User Interface. Disabling the security bit can only be achieved by asserting the
ERASE pin at 1, after a full Flash erase is performed. When the security bit is deactivated, all
accesses to the Flash are permitted.
It is important to note that the assertion of the ERASE pin should always be longer than 200 ms.
As the ERASE pin integrates a permanent pull-down, it can be left unconnected during normal
operation. However, it is safer to connect it directly to GND for the final application.
9.1.3.7
Calibration Bits
NVM bits are used to calibrate the brownout detector and the voltage regulator. These bits are
factory configured and cannot be changed by the user. The ERASE pin has no effect on the cal-
ibration bits.
9.1.3.8
Unique Identifier
Each device integrates its own 128-bit unique identifier. These bits are factory configured and
cannot be changed by the user. The ERASE pin has no effect on the unique identifier.
Table 9-1.
Lock bit number
Product
Number of lock bits
Lock region size
SAM3N4
16
16 kbytes (64 pages)
SAM3N2
8
16 kbytes (64 pages)
SAM3N1
4
16 kbytes (64 pages)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com