Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSAM3N00BA-MU Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATSAM3N00BA-MU
Description  ARM-based Flash MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3N00BA-MU Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATSAM3N00BA-MU Datasheet HTML 26Page - ATMEL Corporation ATSAM3N00BA-MU Datasheet HTML 27Page - ATMEL Corporation ATSAM3N00BA-MU Datasheet HTML 28Page - ATMEL Corporation ATSAM3N00BA-MU Datasheet HTML 29Page - ATMEL Corporation ATSAM3N00BA-MU Datasheet HTML 30Page - ATMEL Corporation ATSAM3N00BA-MU Datasheet HTML 31Page - ATMEL Corporation ATSAM3N00BA-MU Datasheet HTML 32Page - ATMEL Corporation ATSAM3N00BA-MU Datasheet HTML 33Page - ATMEL Corporation ATSAM3N00BA-MU Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
30
11011BS–ATARM–22-Feb-12
SAM3N Summary
8.
Product Mapping
Figure 8-1.
SAM3N4/2/1/0/00 Product Mapping
Address Memory Space
Code
0x00000000
SRAM
0x20000000
Peripherals
0x40000000
0x60000000
0xA0000000
System
0xE0000000
0xFFFFFFFF
offset
ID
peripheral
block
Code
Boot Memory
0x00000000
Internal Flash
Internal ROM
0x00400000
0x00800000
0x00C00000
0x1FFFFFFF
Peripherals
0x40000000
0x40004000
SPI
21
0x40008000
0x4000C000
TC0
TC0
0x40010000
23
TC0
TC1
+0x40
24
TC0
TC2
+0x80
25
TC1
TC3
0x40014000
26
TC1
TC4
+0x40
27
TC1
TC5
+0x80
28
TWI0
19
0x40018000
TWI1
20
0x4001C000
PWM
31
0x40020000
14
0x40024000
0x40028000
0x4002C000
ADC
29
0x40038000
DACC
30
0x4003C000
0x40040000
0x40044000
0x40048000
System Controller
0x400E0000
0x400E2600
0x40100000
System Controller
0x400E0000
MATRIX
0x400E0200
PMC
5
0x400E0400
UART0
UART1
8
0x400E0600
CHIPID
0x400E0740
9
0x400E0800
EEFC
6
0x400E0A00
0x400E0C00
11
0x400E0E00
PIOB
PIOA
12
0x400E1000
PIOC
13
0x400E1200
SYSC
RSTC
0x400E1400
1
SYSC
SUPC
+0x10
SYSC
RTT
+0x30
3
SYSC
WDT
+0x50
4
SYSC
RTC
+0x60
2
SYSC
GPBR
+0x90
0x400E1600
0x4007FFFF
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
USART0
Reserved
0x40200000
Reserved
Reserved
32 MBytes
bit band alias
32 MBytes
bit band alias
0x60000000
Reserved
Reserved
USART1
15
Reserved
Reserved
0x40400000
0x20100000
0x22000000
0x24000000
Undefined
1 MByte
bit band
region
1 MByte
bit band
region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com