Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RC2012J000CS Datasheet(PDF) 18 Page - Samsung semiconductor

Part # RC2012J000CS
Description  Thick Film Chip Resistor ( General )
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012J000CS Datasheet(HTML) 18 Page - Samsung semiconductor

Back Button RC2012J000CS Datasheet HTML 11Page - Samsung semiconductor RC2012J000CS Datasheet HTML 12Page - Samsung semiconductor RC2012J000CS Datasheet HTML 13Page - Samsung semiconductor RC2012J000CS Datasheet HTML 14Page - Samsung semiconductor RC2012J000CS Datasheet HTML 15Page - Samsung semiconductor RC2012J000CS Datasheet HTML 16Page - Samsung semiconductor RC2012J000CS Datasheet HTML 17Page - Samsung semiconductor RC2012J000CS Datasheet HTML 18Page - Samsung semiconductor RC2012J000CS Datasheet HTML 19Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
●
MOUNTING
Our products have Ag electrodes protected by double layer.
▶
1st Ni Coating
- This prevents Ag electrode from leaching and enhance the bonding with Sn
▶
2nd Sn Coating
- This is made of Sn 100% with melting point 232℃ to prevent it from melting when solder
cream melts, and to enhance the bonding.
- Commercial solder creams are made of Sn-3.0Ag-0.5Cu with melting point 217℃.
●
CLEANING
●
CAUTION FOR CHIP RESISTOR SEPERATION FROM PCB
●
OTHERS
Proper nozzle height must be given attention so as not to give excessive pressure on the
chip during mounting on the PCB.
(Excessive pressure may cause exterior damage, change in resistance, circuit open, etc.)
If rosin flux is used, cleaning usually is unnecessary. When strongly activated flux is used, chlorine in the
flux may dissolve into some types of cleaning fluids, thereby affecting the chip capacitors.
This means that the cleaning fluid must be carefully selected, and should always be new.
PCB can be prevented from a shock because it has flexibility, but Chip resistor cannot : it is made of
ceramic, solder and metal.
Therefore, when separating Chip resistor from PCB, it is important for a chip not to be cracked.
▶
Manual work
Manual soldering can pose a great risk of creating thermal cracks in chip resistors.
The hot soldering iron tip comes into direct contact with the end terminations, an operator's
carelessness may cause the tip of the soldering iron to come into direct contact with the
ceramic body of the resistor.
Therefore the soldering iron must be handled carefully, and close attention must be paid
to the selection of the soldering iron tip and to temperature control of the tip.
▶
Do not use more than rated voltage.(check the contents on the file)
●
SOLDERING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com