Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C344-15WC/WI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C344-15WC/WI
Description  32-Macrocell MAX짰 EPLD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C344-15WC/WI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C344-15WC/WI Datasheet HTML 4Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 5Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 6Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 7Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 8Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 9Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 10Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 11Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CY7C344
USE ULTRA37000TM FOR
ALL NEW DESIGNS
Document #: 38-03006 Rev. *B
Page 8 of 15
tCLR
Asynchronous Register Clear Time
Com’l/Ind
5
6
9
ns
Mil
5
6
9
tPCW
Asynchronous Preset and Clear Pulse Width
Com’l/Ind
5
5
7
ns
Mil
5
5
7
tPCR
Asynchronous Preset and Clear Recovery Time Com’l/Ind
5
5
7
ns
Mil
5
5
7
Typical Internal Switching Characteristics Over Operating Range[7] (continued)
7C344-15
7C344-20
7C344-25
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Switching Waveforms
External Combinatorial
tPD1/tPD2
tER
tEA
VALID OUTPUT
DEDICATED INPUT/
I/O INPUT
COMBINATORIAL
OUTPUT
COMBINATORIAL OR
REGISTERED OUTPUT
HIGH-IMPEDANCE
THREE-STATE
HIGH-IMPEDANCE
THREE-STATE
External Synchronous
tH
tS
tWH
tWL
tRR/tPR
tRW/tPW
tOH
tCO1
tRO/tPO
tCO2
DEDICATED INPUTS OR
REGISTERED FEEDBACK
SYNCHRONOUS
CLOCK
ASYNCHRONOUS
CLEAR/PRESET
REGISTERED
OUTPUTS
COMBINATORIAL OUTPUT FROM
REGISTERED FEEDBACK [12]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com