Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLC007BM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CLC007BM/NOPB
Description  CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CLC007BM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  CLC007BM/NOPB Datasheet HTML 1Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 2Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 3Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 4Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 5Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 6Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 7Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 8Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CLC007
www.ti.com
SNLS016E – JULY 1998 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
(VCC = 0V, VEE = −5V; unless otherwise specified).
Min/Max
Min/Max
Min/Max
Parameter
Conditions
Typ +25°C
0°C
−40°C to
Units
+25°C
to+70°C
+85°C
STATIC PERFORMANCE
Supply Current, Loaded
See (1)
39
—
—
—
mA
Supply Current, Unloaded
See (2)
34
28/45
26/47
26/47
mA
Output HIGH Voltage (VOH)
See (2)
−1.7
−2.0/1.4
−2.0/1.4
−2.0/1.4
V
Output Low Voltage (VOL)
See (2)
−3.3
−3.6/3.0
−3.6/3.0
−3.6/3.0
V
Input Bias Current
10
30
50
50
μA
Output Swing
See (2)
1.65
1.55/1.75
1.53/1.77
1.51/1.79
V
Common Mode Input Range Upper Limit
−0.7
−0.8
−0.8
−0.8
V
Common Mode Input Range Lower Limit
−2.6
−2.5
−2.5
−2.5
V
Minimum Differential Input Swing
200
200
200
200
mV
Power Supply Rejection Ratio (2)
26
20
20
20
dB
AC PERFORMANCE
Output Rise and Fall Time
See (1)(2)(3)
650
425/955
400/1100
400/1100
ps
Overshoot
5
%
Propagation Delay
1.0
ns
Duty Cycle Distortion
50
ps
Residual Jitter
25
—
—
—
pspp
MISCELLANEOUS PERFORMANCE
Input Capacitance
1.0
pF
Output Resistance
10
Ω
Output Inductance
6
nH
(1)
Measured with both outputs driving 150
Ω, AC coupled at 270 Mbps.
(2)
Spec is 100% tested at +25°C
(3)
Measured between the 20% and 80% levels of the waveform.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CLC007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com