Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC161S997RGHT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DAC161S997RGHT
Description  16-bit SPI Programmable DAC for 4-20mA Loops
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161S997RGHT Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC161S997RGHT Datasheet HTML 15Page - Texas Instruments DAC161S997RGHT Datasheet HTML 16Page - Texas Instruments DAC161S997RGHT Datasheet HTML 17Page - Texas Instruments DAC161S997RGHT Datasheet HTML 18Page - Texas Instruments DAC161S997RGHT Datasheet HTML 19Page - Texas Instruments DAC161S997RGHT Datasheet HTML 20Page - Texas Instruments DAC161S997RGHT Datasheet HTML 21Page - Texas Instruments DAC161S997RGHT Datasheet HTML 22Page - Texas Instruments DAC161S997RGHT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
DAC161S997
www.ti.com
SNAS621 – JUNE 2013
Figure 17.
ERROR DETECTION AND REPORTING
By default, the DAC161S997 detects and reports several types of errors.
Loop Error
A loop error occurs when the device is unable to sustain the required output current at OUT pin, typically caused
by a drop in loop supply, or an increase in load impedance.
When a loop error occurs, the DAC161S997 changes the OUT-pin current to the value in the ERROR_LOW
register, unless the MASK_LOOP_ERR is set to 1. If the MASK_LOOP_ERR is not set, then the device also
periodically attempts to reassert the OUT current set in DACCODE by default. If the DACCODE-current output is
set, the DAC161S997 then stops reporting a loop error. The interval between reasserts is controlled by the
L_RETRY_TIME field in the ERROR_CONFIG register. If the DIS_RETRY_LOOP field in the ERROR_CONFIG
register is changed to 1, the device does not periodically check the loop and, instead, only checks the loop after
a read of the ERR_STATUS (0x09) register. If the loop error is not resolved, then the loop-error current persists.
When a loop error occurs, the DAC161S997 sets the CURR_LOOP_STATUS and LOOP_STATUS fields in the
STATUS register to 1. The LOOP_STATUS field remains set to 1 until the STATUS register is read or the device
is reset. If the loop error is cleared, either by the device reasserting the loop current or by changing the OUT
current , then the CURR_LOOP_STATUS field clears.
SPI Timeout Error (Channel Error)
The DAC161S997 expects to receive periodic SPI write commands to ensure that the SPI connection is
functioning normally. If no SPI write command occurs within the time indicated by the SPI_TIMEOUT field in the
ERROR_CONFIG register, the device reports a SPI timeout error. Note that the SPI write command must be
properly formatted to avoid SPI Timeout errors (such as a write command that generates a frame error does not
prevent an imminent SPI Timeout error).
SPI Timeout error reporting is inhibited by MASK_SPI_TOUT. SPI Timeout errors are not reported on the loop if
MASK_SPI_ERR is set to 1.
Note that a write command to address 0 is not considered a valid write command and will not prevent a SPI
Timeout error.
Frame Error
If a SPI write command has an incorrect number of SCLK pulses, the device reports a frame error. The number
of SCLK pulses must be an integer and a multiple of 24. A frame error is always reported by ERRB being pulled
low. A frame error does not affect the loop current.
Error Reporting
The DAC161S997 reports errors in 3 different ways, by changing the OUT pin current, pulling the ERRB pin low,
and by updating the read-only register STATUS. The reporting on ERRB and OUT pin is customized by setting
the ERROR_CONFIG register.
The ERRB pin connects to a GPIO pin on the microcontroller to function as an interrupt if an error occurs.
Copyright © 2013, Texas Instruments Incorporated
19
Product Folder Links: DAC161S997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com