Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NP40N10VDF Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # NP40N10VDF
Description  100 V ??40 A ??N-channel Power MOS FET Application: Automotive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP40N10VDF Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button NP40N10VDF Datasheet HTML 3Page - Renesas Technology Corp NP40N10VDF Datasheet HTML 4Page - Renesas Technology Corp NP40N10VDF Datasheet HTML 5Page - Renesas Technology Corp NP40N10VDF Datasheet HTML 6Page - Renesas Technology Corp NP40N10VDF Datasheet HTML 7Page - Renesas Technology Corp NP40N10VDF Datasheet HTML 8Page - Renesas Technology Corp NP40N10VDF Datasheet HTML 9Page - Renesas Technology Corp NP40N10VDF Datasheet HTML 10Page - Renesas Technology Corp NP40N10VDF Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NP40N10YDF, NP40N10VDF, NP40N10PDF
Preliminary
R07DS0361EJ0201 Rev.2.01
Page 7 of 9
May 13, 2013
VGS = 10 V
0 V
td(off)
tr
td(on)
tf
5.0 V
VGS = 4.5 V
10 V
Ciss
Coss
Crss
VDS
VDD = 80 V
50 V
20 V
VGS
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
10
100
1000
10000
0.01
0.1
1
10
100
VDS - Drain to Source Voltage - V
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
1
10
100
0.1
1
10
100
IF - Drain Current - A
SWITCHING CHARACTERISTICS
1
10
100
1000
0.1
1
10
100
ID - Drain Current - A
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
4
2
6
8
12
10
QG- Gate Charge - nC
0
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VF(S-D) - Source to Drain Voltage - V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
–100
–50
0
50
100
150
200
Tch - Channel Temperature - °C
030
20
10
50
40
VDD = 50 V
VGS = 10 V
RG = 0 Ω
Pulsed
di/dt = 100 A/
μs
VGS = 0 V
ID = 20 A
Pulsed
VGS = 0 V
f = 1 MHz
ID = 40 A
70
60
50
40
30
20
10
0
90
70
80
60
50
40
30
20
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com