Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM25101AM/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM25101AM/NOPB
Description  LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25101AM/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM25101AM/NOPB Datasheet HTML 13Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 14Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 15Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 16Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 17Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 18Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 19Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 20Page - Texas Instruments LM25101AM/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM25101AMRX/NOPB
SO
Power
PAD
DDA
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM25101AMX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM25101ASD-1/NOPB
WSON
NGT
8
1000
178.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
LM25101ASD/NOPB
WSON
DPR
10
1000
178.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
LM25101ASDX-1/NOPB
WSON
NGT
8
4500
330.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
LM25101ASDX/NOPB
WSON
DPR
10
4500
330.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
LM25101BMAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM25101BSD/NOPB
WSON
DPR
10
1000
178.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
LM25101BSDX/NOPB
WSON
DPR
10
4500
330.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
LM25101CMAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM25101CMY/NOPB
MSOP-
Power
PAD
DGN
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LM25101CMYE/NOPB
MSOP-
Power
PAD
DGN
8
250
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LM25101CMYX/NOPB
MSOP-
Power
DGN
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
20-Jun-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com