Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RNA53A30F Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RNA53A30F
Description  System Organizer IC for Dedicate Microcomputer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA53A30F Datasheet(HTML) 1 Page - Renesas Technology Corp

  RNA53A30F Datasheet HTML 1Page - Renesas Technology Corp RNA53A30F Datasheet HTML 2Page - Renesas Technology Corp RNA53A30F Datasheet HTML 3Page - Renesas Technology Corp RNA53A30F Datasheet HTML 4Page - Renesas Technology Corp RNA53A30F Datasheet HTML 5Page - Renesas Technology Corp RNA53A30F Datasheet HTML 6Page - Renesas Technology Corp RNA53A30F Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R03DS0034EJ0400 Rev.4.00
Page 1 of 6
Jun 26, 2013
Target Specification Datasheet
RNA53A30F
System Organizer IC for Dedicate Microcomputer
Description
RNA53A30F is reset function and reference voltage output for microcontroller has been installed.
Provide support for Renesas MCU operation.
Features
• Reset detection voltage: 3.05 V ± 1%
• Standard voltage: 3.050 V ± 0.8%
• Delay time: 50,100 ms (fine regulation by resistance is possible)
• Corresponds to manual reset
• Sleep mode is installed
Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
Surface
Treatment
RNA53A30FUSH1
SSOP-8
PVSP0008KA-A
US
H (3,000 pcs/reel)
1 (Sn/Bi)
Application
• Power supply voltage monitoring for microprocessors
• Computers and notebook computers
• Digital still camera, digital video camera, and PDA
Block Diagram
72
1
38
4
6
5
+
–
VDD
ROSC
R1
R2
I1
Vref
R4
50 ms
100 ms
R3
Comp1
+
–
OP1
S0
GND
VREFO
VOUT
MR
SLP
I2
I3
Delay
circuit
Oscillator
R
R
R03DS0034EJ0400
Rev.4.00
Jun 26, 2013


Similar Part No. - RNA53A30F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA53A30F RENESAS-RNA53A30F_15 Datasheet
91Kb / 7P
System Organizer IC for Dedicate Microcomputer
More results

Similar Description - RNA53A30F

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
IC for CMOS System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
IC for System Reset Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
IC for System Reset Monolithic IC
logo
Renesas Technology Corp
RNA53A27F RENESAS-RNA53A27F Datasheet
91Kb / 7P
System Organizer IC for Dedicate Microcomputer
RNA53A27F RENESAS-RNA53A27F_15 Datasheet
91Kb / 7P
System Organizer IC for Dedicate Microcomputer
RNA53A30F RENESAS-RNA53A30F_15 Datasheet
91Kb / 7P
System Organizer IC for Dedicate Microcomputer
logo
Sanken electric
LC201S SANKEN-LC201S Datasheet
365Kb / 13P
Power Supply IC for Microcomputer
logo
List of Unclassifed Man...
47553 ETC-47553 Datasheet
248Kb / 1P
Universal Organizer, Corrugated
logo
NXP Semiconductors
M68HC11E20EVS NXP-M68HC11E20EVS Datasheet
388Kb / 2P
Microcomputer Evaluation System
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com