Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW5093CYLT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW5093CYLT
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093CYLT Datasheet(HTML) 1 Page - STMicroelectronics

  STW5093CYLT Datasheet HTML 1Page - STMicroelectronics STW5093CYLT Datasheet HTML 2Page - STMicroelectronics STW5093CYLT Datasheet HTML 3Page - STMicroelectronics STW5093CYLT Datasheet HTML 4Page - STMicroelectronics STW5093CYLT Datasheet HTML 5Page - STMicroelectronics STW5093CYLT Datasheet HTML 6Page - STMicroelectronics STW5093CYLT Datasheet HTML 7Page - STMicroelectronics STW5093CYLT Datasheet HTML 8Page - STMicroelectronics STW5093CYLT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1/34
STw5093
March 2004
FEATURES:
Complete CODEC and FILTER system including:
■ 14 BIT LINEAR ANALOG TO DIGITAL AND
DIGITAL TO ANALOG CONVERTERS.
■ 8 BIT COMPANDED ANALOG TO DIGITAL
AND DIGITAL TO ANALOG CONVERTERS A-
LAW OR
µ-LAW.
■ TRANSMIT AND RECEIVE BAND-PASS
FILTERS
■ ACTIVE ANTIALIAS NOISE FILTER.
Phone Features:
■ ONE MICROPHONE BIASING OUTPUT
■ REMOTE CONTROL (REMOCON) FUNCTION
■ THREE SWITCHABLE MICROPHONE
AMPLIFIER INPUTS. GAIN
PROGRAMMABLE:0 . . 42.5 dB AMPLIFIER,
1.5 dB STEPS (+ MUTE).
■ EARPIECE AUDIO OUTPUT. ATTENUATION
PROGRAMMABLE: 0 . . 30 dB, 2 dB STEPS.
■ EXTERNAL AUDIO OUTPUT. ATTENUATION
PROGRAMMABLE: 0 . . 30 dB, 2 dB STEPS.
■ DRIVING CAPABILITY: 140mW OVER 8
Ω
■ TRANSIENT SUPRESSION SIGNAL DURING
POWER ON AND DURING AMPLIFIER
SWITCHING.
■ INTERNAL PROGRAMMABLE SIDETONE
CIRCUIT. ATTENUATION PROGRAMMABLE:
16 dB RANGE, 1 dB STEP.
■ INTERNAL RING, TONE AND DTMF
GENERATOR, SINEWAVE OR
SQUAREWAVE WAVEFORMS.
ATTENUATION PROGRAMMABLE: 27dB
RANGE, 3dB STEP. THREE FREQUENCY
RANGES:
a) 3.9Hz . . . . 996Hz, 3.9Hz STEP
b) 7.8Hz . . . . 1992Hz, 7.8Hz STEP
c) 15.6Hz . . . . 3984Hz, 15.6Hz STEP
■ PROGRAMMABLE PULSE WIDTH
MODULATED BUZZER DRIVER OUTPUT.
General Features:
■ SINGLE 2.7V to 3.3V SUPPLY
■ EXTENDED TEMPERATURE RANGE
OPERATION (*) -40°C to 85°C.
■ 1.0
µW STANDBY POWER (TYP. AT 2.7V).
■ 13mW OPERATING POWER (TYP. AT 2.7V).
■ 1.8V TO 3.3V CMOS COMPATIBLE DIGITAL
INTERFACES.
■ PROGRAMMABLE PCM AND CONTROL
INTERFACE MICROWIRE COMPATIBLE.
APPLICATIONS:
■ GSM/DCS1800/PCS1900/JDC DIGITAL
CELLULAR TELEPHONES.
■ CDMA CELLULAR TELEPHONES.
■ DECT/CT2/PHS DIGITAL CORDLESS
TELEPHONES.
■ BATTERY OPERATED AUDIO FRONT-ENDS
FOR DSPs.
(*) Functionality guaranteed in the range - 40°C to +85°C; Timing
and Electrical Specifications are guaranteed in the range - 30°C
to +85°C.
GENERAL DESCRIPTION
STw5093 is a high performance low power combined
PCM CODEC/FILTER device tailored to implement the
audio front-end functions required by low voltage/low
power consumption digital cellular terminals. STw5093
offers a number of programmable functions accessed
through a serial control channel that easily interfaces to
any classical microcontroller. The PCM interface sup-
ports both non-delayed (normal and reverse) and de-
layed frame synchronization modes.
STw5093 can be configurated either as a 14-bit lin-
ear or as an 8-bit companded PCM coder.
Additionally to the CODEC/FILTER function, STw5093
includes a Tone/Ring/DTMF generator, a sidetone gen-
eration, and a buzzer driver output.STw5093 fulfills and
exceeds D3/D4 and CCITT recommendations and ETSI
requirements for digital handset terminals.
Main applications include digital mobile phones, as
cellular and cordless phones, or any battery powered
equipment that requires audio codecs operating at
low single supply voltages.
TSSOP30
ORDERING NUMBER: STw5093
2.7V SUPPLY 14-BIT LINEAR CODEC WITH
HIGH-PERFORMANCE AUDIO FRONT-END


Similar Part No. - STW5093CYLT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5093 STMICROELECTRONICS-STW5093 Datasheet
627Kb / 34P
2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Mar-2004
More results

Similar Description - STW5093CYLT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5090 STMICROELECTRONICS-ST5090 Datasheet
269Kb / 29P
LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Feb-1996
ST5092 STMICROELECTRONICS-ST5092 Datasheet
272Kb / 29P
2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Jun-1997
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
High Performance Multi-channel Audio CODEC
logo
STMicroelectronics
STW5093 STMICROELECTRONICS-STW5093 Datasheet
627Kb / 34P
2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Mar-2004
logo
Asahi Kasei Microsystem...
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
High Performance Multi-channel Audio CODEC
logo
Micronas
MAS9090B MICRONAS-MAS9090B Datasheet
564Kb / 30P
LOW VOLTAGE 14-BIT LINEAR CODEC
logo
ams AG
AS3543 AMSCO-AS3543 Datasheet
534Kb / 4P
High End Stereo Audio Codec with System PMU
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M_08 Datasheet
1Mb / 22P
High-Performance FM Front End
LA1193V SANYO-LA1193V Datasheet
643Kb / 22P
High-Performance FM Front End
logo
Wolfson Microelectronic...
WM8998 WOLFSON-WM8998 Datasheet
4Mb / 307P
High Performance Audio Hub CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com