Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADM7160AUJZ-2.5-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM7160AUJZ-2.5-R7
Description  Ultralow Noise, 200 mA Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7160AUJZ-2.5-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADM7160AUJZ-2.5-R7 Datasheet HTML 1Page - Analog Devices ADM7160AUJZ-2.5-R7 Datasheet HTML 2Page - Analog Devices ADM7160AUJZ-2.5-R7 Datasheet HTML 3Page - Analog Devices ADM7160AUJZ-2.5-R7 Datasheet HTML 4Page - Analog Devices ADM7160AUJZ-2.5-R7 Datasheet HTML 5Page - Analog Devices ADM7160AUJZ-2.5-R7 Datasheet HTML 6Page - Analog Devices ADM7160AUJZ-2.5-R7 Datasheet HTML 7Page - Analog Devices ADM7160AUJZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADM7160AUJZ-2.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADM7160
Data Sheet
Rev. 0 | Page 4 of 24
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY REJECTION RATIO
PSRR
ILOAD = 100 mA
VIN = VOUT + 0.5 V
100 kHz, VIN = 3.8 V, VOUT = 3.3 V
49
dB
500 kHz, VIN = 3.8 V, VOUT = 3.3 V
43
dB
1 MHz, VIN = 3.8 V, VOUT = 3.3 V
43
dB
100 kHz, VIN = 3.0 V, VOUT = 2.5 V
46
dB
500 kHz, VIN = 3.0 V, VOUT = 2.5 V
44
dB
1 MHz, VIN = 3.0 V, VOUT = 2.5 V
44
dB
VIN = VOUT + 1 V
100 kHz, VIN = 4.3 V, VOUT = 3.3 V
54
dB
500 kHz, VIN = 4.3 V, VOUT = 3.3 V
46
dB
1 MHz, VIN = 4.3 V, VOUT = 3.3 V
46
dB
100 kHz, VIN = 3.5 V, VOUT = 2.5 V
49
dB
500 kHz, VIN = 3.5 V, VOUT = 2.5 V
47
dB
1 MHz, VIN = 3.5 V, VOUT = 2.5 V
47
dB
1
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This specification applies only to
output voltages greater than 2.2 V.
2
Start-up time is defined as the time from the rising edge of EN to when VOUT is at 90% of its nominal value.
3
Current-limit threshold is defined as the current at which the output voltage falls to 90% of the specified typical value. For example, the current limit for a 3.0 V output
voltage is defined as the current that causes the output voltage to fall to 90% of 3.0 V (that is, 2.7 V).
INPUT AND OUTPUT CAPACITORS, RECOMMENDED SPECIFICATIONS
TA = −40°C to +125°C.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Minimum Input and Output Capacitance1
CMIN
0.7
µF
Capacitor ESR
RESR
0.001
0.2
Ω
1
The minimum input and output capacitance should be greater than 0.7 μF over the full range of operating conditions. The full range of operating conditions in the
application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended;
Y5V and Z5U capacitors are not recommended for use with any LDO regulator. For more information, see the Input and Output Capacitor Properties section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com