Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4311R-104-R2 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4311R-104-R2
Description  Thick Film Molded SIPs Superior package integrity Compatible with automatic insertion
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4311R-104-R2 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4311R-104-R2 Datasheet HTML 1Page - Bourns Electronic Solutions 4311R-104-R2 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
RoHS compliant* versions available (see
How to Order “Termination” option)
Low profile provides compatibility with
DIPs
Compatible with automatic insertion
equipment
Superior package integrity
Now available with improved tolerance
to ±0.5 %
4300R Series - Thick Film Molded SIPs
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Product Characteristics
Resistance Range
.................... 10 ohms to 10 megohms
Maximum Operating Voltage .........100 V
Temperature Coefficient of Resistance
50
Ω to 2.2 megohms.....±100 ppm/°C
below 50
Ω.....................±250 ppm/°C
above 2.2 megohms....... ±250 ppm/°C
TCR Tracking.........................50 ppm/°C
maximum; equal values
Resistor Tolerance............... See circuits
Operating Temperature
................................-55 °C to +125 °C
Power Rating ................... Derate to zero
power from + 70 °C to + 125 °C
Insulation Resistance
................ 10,000 megohms minimum
Dielectric Withstanding Voltage
...........................................200 VRMS
Lead Solderability ..... Meet requirements
of MIL-STD-202 Method 208
Environmental Characteristics
TESTS PER MIL-STD-202 ...... ∆R MAX.
Short Time Overload..................±0.25 %
Load Life....................................±1.00 %
Moisture Resistance ..................±0.50 %
Resistance to Soldering Heat
...............................................±0.25 %
Terminal Strength ......................±0.25 %
Thermal Shock ..........................±0.25 %
Physical Characteristics
Flammability ........ Conforms to UL94V-0
Lead Frame Material
.........................Copper, solder coated
Body Material.................. Novolac epoxy
Package Power Temp. Derating Curve
How To Order
43 06 R - 101 - 222 __ __
Model
(43 = Molded SIP)
Number of Pins
Physical Configuration
(R = Thick Film Low Profile)
Electrical Configuration
• 101 = Bussed
• 102 = Isolated
• 104 = Dual Terminator
Resistance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow.
Resistance Tolerance
• Blank = ±2 % (see “Resistance Tolerance”
on next page for resistance range)
• F = ±1 % (100 ohms - 1 megohm)
• D = ±0.5 % (100 ohms - 1 megohm)
Terminations
• All electrical configurations EXCEPT 104:
LF = Tin-plated (RoHS compliant version)
• ONLY electrical configuration 104:
L = Tin-plated (RoHS compliant version)
• Blank = Tin/Lead-plated
Consult factory for other available options.
Product Dimensions
Package Power Rating at 70 °C
4306R .....................................0.75 watts
4308R .....................................1.00 watts
4309R .....................................1.13 watts
4310R .....................................1.25 watts
4311R .....................................1.38 watts
Typical Part Marking
Represents total content. Layout may
vary. Marking may be truncated on
shorter versions due to size constraints.
For Standard Values Used in
Capacitors, Inductors, and Resistors,
click here.
AMBIENT TEMPERATURE ( C )
°
0
70
125
3.50
3.00
2.50
2.00
1.50
1.00
.50
25
4311R
4310R
4309R
4308R
4306R
4310R-102
-823
CYYWW
PART
NUMBER
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
COUNTRY OF MANUFACTURE
(C = COSTA RICA)
DATE CODE
27.53
(1.084)
4.95
(.195)
MAX.
3.43 + .38/ - .25
(.135 + .015/ - .010)
1.02
.12
(.040
.005)
2.54
.07
(.100
.003*)
TYP.
NON-ACCUM.
.483
.050
(.020
.002)
2.16
.10
(.085
.004)
1.02
.05
(.0425
.002)
.254
.050
(.010
.002)
PIN #1 REF.
.407 + .102/ - .000
(.016 + .004/ - 000)
MAX.
24.99
(.984)
MAX.
22.45
(.884)
MAX.
19.92
(.784)
MAX.
14.83
(.584)
MAX.
TYP.
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
4310R–102
–823
C1111


Similar Part No. - 4311R-104-R2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4311R-101-RC BOURNS-4311R-101-RC Datasheet
208Kb / 2P
Low profi le provides compatibility with DIPs
More results

Similar Description - 4311R-104-R2

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
D1C241000 COSMO-D1C241000 Datasheet
144Kb / 1P
Molded epoxy body, Automatic insertion compatible
logo
Bourns Electronic Solut...
4300H BOURNS-4300H Datasheet
196Kb / 2P
Thick Film Molded SIPs
4300R BOURNS-4300R Datasheet
215Kb / 2P
Thick Film Molded SIPs
4308R-102-224 BOURNS-4308R-102-224 Datasheet
208Kb / 2P
4300R Series - Thick Film Molded SIPs
4310R-101-105 BOURNS-4310R-101-105 Datasheet
208Kb / 2P
4300R Series - Thick Film Molded SIPs
4114R-1-152FLF BOURNS-4114R-1-152FLF Datasheet
223Kb / 2P
Thick Film Molded DIPs Superior package integrity Dual Terminator Resistor Networks
4306H-101-222FLF BOURNS-4306H-101-222FLF Datasheet
212Kb / 2P
Thick Film Molded SIPs
4306M-101-222FLF BOURNS-4306M-101-222FLF Datasheet
208Kb / 2P
Thick Film Molded SIPs
4310R-101-472 BOURNS-4310R-101-472 Datasheet
208Kb / 2P
4300R Series - Thick Film Molded SIPs
4308R-102-102 BOURNS-4308R-102-102 Datasheet
208Kb / 2P
4300R Series - Thick Film Molded SIPs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com